Electronic Components Datasheet Search
  English  ▼

X  

SY89296UTITR Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # SY89296UTITR
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89296UTITR Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button SY89296UTITR Datasheet HTML 7Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 8Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 9Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 10Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 11Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 12Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 13Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 14Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
13
Precision Edge®
SY89296U
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
INTERFACE APPLICATIONS
LVPECL
Input*
VBB
VCC
IN
0.01mF
/IN
* 3.3V single-ended only, 2.5V,
single-ended is not functional.
Figure 10. Interfacing to a
Single-Ended LVPECL Signal
To invert the signal, connect the LVPECL
input to /IN and connect VCC to IN.
VEF
VCF
D[0:10]
LVPECL
Signals
VCC = +3.3V
Figure 11. VCF/VEF Biasing for
LVPECL Control (D) Input
VEF
VCF
NC
NC
D[0:10]
CMOS
Inputs
VCC = +3.3V
Figure 12. VCF/VEF Biasing for
CMOS Control (D) Input
50
Ω
50
Ω
VBB
IN
/IN
VCC
0.01
µF
Figure 13. Re-Biasing an
AC-Coupled Signal
VEF
NC
VCF
D[0:10]
TTL
Inputs
VCC = +3.3V
0V
1.5k
0V
0.01µF
Figure 14. VCF/VEF Biasing for
LVTTL Control (D) Input
Part Number
Function
Data Sheet Link
SY89295U
2.5/3.3V 1.5GHz Precision LVPECL
www.micrel.com/product-info/products/sy89295u.shtml
Programmable Delay
SY89296U
2.5/3.3V 1.5GHz Precision LVPECL
www.micrel.com/product-info/products/sy89296u.shtml
Programmable Delay with Fine Tune Control
16-MLF Manufacturing Guidelines
www.amkor.com/products/notes_papers/MLF_appnote_0902.pdf
Exposed Pad Application Note
HBW Solutions
http://www.micrel.com/product-info/as/solutions.shtml
RELATED PRODUCT AND SUPPORT DOCUMENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com