Electronic Components Datasheet Search
  English  ▼

X  

SY89296UTITR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY89296UTITR
Description  2.5V/3.3V 1.5GHz PRECISION LVPECL PROGRAMMABLE DELAY WITH FINE TUNE CONTROL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY89296UTITR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY89296UTITR Datasheet HTML 1Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 2Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 3Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 4Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 5Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 6Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 7Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 8Page - Micrel Semiconductor SY89296UTITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
Precision Edge®
SY89296U
Micrel, Inc.
M9999-072706
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
24
23
22
21
20
19
18
17
GND
D0
VCC
Q
/Q
VCC
VCC
FTUNE
D8
D9
D10
IN
/IN
VBB
VEF
VCF
1
2
3
4
5
6
7
8
910 11 12 13 14 15 16
32 31 30 29 28 27 26 25
32-Pin MLF™ (MLF-32)
GND
D0
VCC
Q
/Q
VCC
VCC
FTUNE
D8
D9
D10
IN
/IN
VBB
VEF
VCF
32 31 30 29 28 27 26 25
910 11 12 1314 1516
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
32-Pin TQFP (T32-1)
TRUTH TABLES
Input Enable
/EN
Q, /Q
0
IN, /IN Delayed
1
Latched D[10:0]
Digital Control Latch
LEN
Latch Action
0
Pass Through D[10:0]
1
Latched D[10:0]
Input/Output
Inputs
Outputs
IN
/IN
OUT
/OUT
01
0
1
10
1
0
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY89296UMI
MLF-32
Industrial
SY89296U
Sn-Pb
SY89296UMITR(2)
MLF-32
Industrial
SY89296U
Sn-Pb
SY89296UTI
T32-1
Industrial
SY89296U
Sn-Pb
SY89296UTITR(2)
T32-1
Industrial
SY89296U
Sn-Pb
SY89296UMG(3)
MLF-32
Industrial
SY89296U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89296UMGTR(2, 3)
MLF-32
Industrial
SY89296U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89296UTG(3)
T32-1
Industrial
SY89296U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY89296UTGTR(2, 3)
T32-1
Industrial
SY89296U with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC electricals only.
2. Tape and Reel.
3. Pb-Free package recommended for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com