Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation ATA6821 Datasheet HTML 10Page - ATMEL Corporation ATA6821 Datasheet HTML 11Page - ATMEL Corporation ATA6821 Datasheet HTML 12Page - ATMEL Corporation ATA6821 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
4778B–AUTO–09/05
ATA6821
Figure 7-1.
Timing Diagram(1) 1
Note:
1. A 2 k
Ω resistor is connected between pin 8 and ground; a 2 kΩ resistor and a 1 nF capacitor are used as load for the power
output (pins 13 and 14), simulating identical conditions as a power MOSFET, which is usually connected to the output.
V
INPUT
V
FEED
V
OUTPUT
7 V
15 V
4 V
10 V
9 V
1 V
t
t
t
24 V
21.6 V
2.4 V
td
In-Out
td
In-Feed
td
In-Out
td
In-Feed
tr
Feed
tf
Feed
tr
Out
tf
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com