Electronic Components Datasheet Search
  English  ▼

X  

ATA6821 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATA6821
Description  High Speed Power Driver IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6821 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATA6821 Datasheet HTML 1Page - ATMEL Corporation ATA6821 Datasheet HTML 2Page - ATMEL Corporation ATA6821 Datasheet HTML 3Page - ATMEL Corporation ATA6821 Datasheet HTML 4Page - ATMEL Corporation ATA6821 Datasheet HTML 5Page - ATMEL Corporation ATA6821 Datasheet HTML 6Page - ATMEL Corporation ATA6821 Datasheet HTML 7Page - ATMEL Corporation ATA6821 Datasheet HTML 8Page - ATMEL Corporation ATA6821 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
4778B–AUTO–09/05
ATA6821
2.
Pin Configuration
Figure 2-1.
Pinning SO14
Note:
1. All ground pins must be connected together by short external connections.
The measurement pin (pin 5) and the test pin (pin 7) must be connected to the ground pins.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VS
VS
MONITOR
NC
NC
MEAS
TEST
OUTPUT
OUTPUT
PGND
PGND
GND
INPUT
FEED
Table 2-1.
Pin Description
Pin
Symbol
Function
1
VS
Supply voltage
2
VS
Supply voltage
3
MONITOR
Voltage monitoring input
4
NC
Not connected
5
MEAS
Measurement pin
6
NC
Not connected
7
TEST
Test pin
8
FEED
Feed output
9
INPUT
Input
10
GND
Ground(1)
11
PGND
Power ground(1)
12
PGND
Power ground(1)
13
OUTPUT
Output
14
OUTPUT
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com