Electronic Components Datasheet Search
  English  ▼

X  

82S191 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 82S191
Description  16K-bit TTL bipolar PROM (2048 x 8)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

82S191 Datasheet(HTML) 3 Page - NXP Semiconductors

  82S191 Datasheet HTML 1Page - NXP Semiconductors 82S191 Datasheet HTML 2Page - NXP Semiconductors 82S191 Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Philips Semiconductors
Product specification
82S191/82S191A
16K-bit TTL bipolar PROM (2048 x 8)
March 14, 1989
3
AC ELECTRICAL CHARACTERISTICS
R1 = 2=470Ω, R2 = 1kΩ, CL = 30pF, 0°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
SYMBOL
PARAMETER
TO
FROM
LIMITS
LIMITS
UNIT
MIN
TYP1
MAX
MIN
TYP1
MAX
Access time2
tAA
Output
Address
50
80
50
55
ns
tCE
Output
Chip Enable
30
40
20
30
ns
Disable time3
tCD
Output
Chip Disable
30
40
20
30
ns
NOTES:
1. Typical values are VCC = 5V, Tamb = +25°C.
2. Tested at an address cycle time of 1
µs.
3. Measured at a delta of 0.5V from Logic Level with R1 = 750Ω, R2 = 750Ω and CL = 5pF.
TEST LOAD CIRCUIT
A1
A0
A2
A4
A5
CE1
GND
VCC
VCC
R1
R2
CL
(INCLUDES SCOPE AND
JIG CAPACITANCE)
DUT
O1
O8
A3
A6
A7
A9
A10
A8
CE2 CE3
VOLTAGE WAVEFORMS
tCE
+3.0V
0V
+3.0V
0V
1.5V
1.5V
1.5V
ADDRESS
CE1
tCD
tAA
All inputs tr = tf = 5ns (10% to 90%).
All AC parameters are measured at 1.5V unless otherwise specified.
VOH
VOL
Hi-Z
O1 - O8
CE2, CE3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com