Electronic Components Datasheet Search
  English  ▼

X  

82S191A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 82S191A
Description  16K-bit TTL bipolar PROM (2048 x 8)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

82S191A Datasheet(HTML) 1 Page - NXP Semiconductors

  82S191A Datasheet HTML 1Page - NXP Semiconductors 82S191A Datasheet HTML 2Page - NXP Semiconductors 82S191A Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Philips Semiconductors
Product specification
82S191/82S191A
16K-bit TTL bipolar PROM (2048 x 8)
1
March 14, 1989
853-0139 96054
DESCRIPTION
The 82S191 and 82S191A are field
programmable, which means that
custom patterns are immediately
available by following the Signetics
Generic I fusing procedure. The 82S191
and 82S191A are supplied with all
outputs at logical Low. Outputs are
programmed to a logic High level at any
specified address by fusing the Ni-Cr
link matrix.
These devices include on-chip decoding
and 3 Chip Enable inputs for ease of
memory expansion. They feature
3-State outputs for optimization of word
expansion in bused organizations.
Ordering information can be found on
the following page.
The 82S191 and 82S191A devices are
also processed to military requirements
for operation over the military
temperature range. For specifications
and ordering information, consult the
Signetics Military Data Handbook.
FEATURES
• Address access time:
– N82S191: 80ns max
– N82S191A: 55ns max
• Power dissipation: 40µW/bit typ
• Input loading: –100µA max
• Three Chip Enable inputs
• On-chip address decoding
• No separate fusing pins
• Unprogrammed outputs are Low level
• Fully TTL compatible
• Outputs: 3-State
APPLICATIONS
• Sequential controllers
• Microprogramming
• Hardwired algorithms
• Control store
• Random logic
• Code conversion
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
A7
A5
A4
A3
A2
A1
A0
VCC
A8
A9
CE1
CE2
CE3
O8
A Package
N Package
A10
A6
9
10
11
12
13
14
15
16
O1
O2
O3
GND
O7
O6
O5
O4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
NC
NC
A7
A6
A5
A4
A3
A2
A1
A0
O1
O2 O3 GND
O4 O5
O8
O7
A10
CE1
CE2
CE3
A9
A8
VCC
NC
NC
O6
BLOCK DIAGRAM
O2
O4
O6
O8
A0
A10
CE2
ADDRESS
LINES
1:128
DECODER
128
× 128 MATRIX
8 3-STATE DRIVERS
OUTPUT LINES
O1
O3
O5
O7
1:16
MUX
1:16
MUX
1:16
MUX
1:16
MUX
1:16
MUX
1:16
MUX
1:16
MUX
1:16
MUX
A3
A2
A1
A0
CE3
CE1


Similar Part No. - 82S191A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
82S19 ETC1-82S19 Datasheet
129Kb / 4P
576-BIT BIPOLAR RAM (64 X 9)
More results

Similar Description - 82S191A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
42Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
logo
Advanced Micro Devices
AM27S191 AMD-AM27S191 Datasheet
416Kb / 10P
16,384-BIT (2048 x 8) BIPOLAR PROM
logo
NXP Semiconductors
82S23 PHILIPS-82S23 Datasheet
131Kb / 3P
256-bit TTL bipolar PROM 32 x 8
November 11. 1986
logo
Advanced Micro Devices
AM27S23 AMD-AM27S23 Datasheet
449Kb / 9P
2048-BIT (256X8) BIPOLAR PROM
logo
List of Unclassifed Man...
MMN2716 ETC1-MMN2716 Datasheet
244Kb / 6P
2048 x 8 BIT EPROM / PROM
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
(256 X 8) 2048-BIT TTL PROM
DM54S571 NSC-DM54S571 Datasheet
126Kb / 4P
(512 X 4) 2048-BIT TTL PROM
logo
NXP Semiconductors
82LHS191 PHILIPS-82LHS191 Datasheet
151Kb / 3P
16K-BIT TTL BIPOLAR PROM
November 10 1988
logo
NEC
UPB429 NEC-UPB429 Datasheet
167Kb / 3P
2048 x 8-BIT BIPOLA TTL PROM
UPB412 NEC-UPB412 Datasheet
227Kb / 5P
2048 BIT BIPOLAR TTL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com