Electronic Components Datasheet Search
  English  ▼

X  

82S191A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 82S191A
Description  16K-bit TTL bipolar PROM (2048 x 8)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

82S191A Datasheet(HTML) 2 Page - NXP Semiconductors

  82S191A Datasheet HTML 1Page - NXP Semiconductors 82S191A Datasheet HTML 2Page - NXP Semiconductors 82S191A Datasheet HTML 3Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Philips Semiconductors
Product specification
82S191/82S191A
16K-bit TTL bipolar PROM (2048 x 8)
March 14, 1989
2
ORDERING INFORMATION
DESCRIPTION
ORDER CODE
24-Pin Plastic Dual-In-Line
600mil-wide
N82S191 N, N82S191A N
28-Pin Plastic Leaded Chip Carrier
450mil-square
N82S191 A, N82S191A A
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
+7.0
VDC
VIN
Input voltage
+5.5
VDC
VO
Output voltage Off-State
+5.5
VDC
Tamb
Operating temperature range
0 to +75
°C
Tstg
Storage temperature range
–65 to +150
°C
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
SYMBOL
PARAMETER
TEST CONDITIONS1, 2
LIMITS
UNIT
MIN
TYP3
MAX
Input voltage
VIL
Low
0.8
V
VIH
High
2.0
V
VIC
Clamp
IIN = –12mA
–0.8
–1.2
V
Output voltage
CE1 = Low, CE2,3 = High
VOL
Low
IOUT = 9.6mA
0.45
V
VOH
High
IOUT = –2.0mA
2.4
V
Input current1
IIL
Low
VIN = 0.45V
–100
µA
IIH
High
VIN = 5.5V
40
µA
Output current1
IOZ
Hi-Z state
CE1 = High, CE2,3 = Low, VOUT = 0.5V
–40
µA
CE1 = High, CE2,3 = Low, VOUT = 5.5V
40
µA
IOS
Short circuit (82S123A)4
CE1 = Low, CE2,3 = High, VOUT = 0V
–15
–70
mA
Supply current5
ICC
VCC = 5.25V
130
175
mA
Capacitance
CE1 = High, CE2,3 = Low, VCC = 5.0V
CIN
Input
VIN = 2.0V
5
pF
COUT
Output
VOUT = 2.0V
8
pF
NOTES:
1. Positive current is defined as into the terminal referenced.
2. All voltages with respect to network ground terminal.
3. Typical values are at VCC = 5V, Tamb = +25°C.
4. Duration of short circuit should not exceed 1 second.
5. Measured with all inputs grounded and all outputs open.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com