Electronic Components Datasheet Search
  English  ▼

X  

AM5669 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AM5669
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5669 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AM5669 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Preliminary Datasheet
1
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5669
General Description
The AM5669 is a five-channel BTL driver IC, in
which four channels are voltage type BTL drivers for
tracking and focus actuators, sled and spindle motors,
the other one channel is DC motor driver for tray
which supports forward/reverse control. This IC also
contains two independent precise voltage regulators
with adjustable range from 1.5V to 4V and a free com-
parator for spindle channel motor direction detection.
The AM5669 is available in standard HSOP-28 pack-
age.
Features
·
4-channel DC Motor BTL Driver
·
1-channel Forward/Reverse Control DC Motor
BTL Driver
·
Two Built-in Regulator Controllers
·
One Built-in Comparator for Spindle Channel
Motor Direction Detection
·
Built-in Level Shift Circuit
·
Built-in Mute Mode
·
Built-in Thermal Shutdown Circuit
·
Operating Voltage: 4.3V to 8V
Applications
·
DVD Player
Figure 1. Package Type of AM5669
HSOP-28


Similar Part No. - AM5669

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28 BCDSEMI-AM5665M28 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5665M28-E1 BCDSEMI-AM5665M28-E1 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
More results

Similar Description - AM5669

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
UA8868S UTC-UA8868S_15 Datasheet
120Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
AMtek SEMICONDUCTORS CO...
AM5766FM AMTEK-AM5766FM Datasheet
379Kb / 10P
5-channel BTL Driver for DVD player
Aug 2012 V1.5
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
5-channel BTL Driver for DVD player
Oct 2005 V1.3
AM5890S AMTEK-AM5890S Datasheet
121Kb / 11P
5-channel BTL Driver for DVD player
May 2010 V1.6T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com