Electronic Components Datasheet Search
  English  ▼

X  

AM5669 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AM5669
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5669 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AM5669 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5669 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Preliminary Datasheet
3
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5669
Pin Description (Note 1)
Pin Number
Pin Name
Function
1
VINFC
Input for focus driver
2
TRB_1
Regulator 1 driver output
3
REGO2
Regulator 2 feedback input
4
VINSL
Input for the sled driver
5
REGO1
Regulator 1 feedback input
6
FWD
Tray driver forward input
7
REV
Tray driver reverse input
8
VCC1
VCC for pre-drive block and power block of sled and tray
9
VOTR-
Tray driver output (-)
10
VOTR+
Tray driver output (+)
11
VOSL+
Sled driver output (+)
12
VOSL-
Sled driver output (-)
13
VOFC-
Focus driver output (-)
14
VOFC+
Focus driver output (+)
15
VOTK+
Tracking driver output (+)
16
VOTK-
Tracking driver output (-)
17
VOSP+
Spindle driver output (+)
18
VOSP-
Spindle driver output (-)
19
VCC2
VCC for power block of spindle, tracking and focus
20
OPIN
Comparator input (+)
21
VCTL
Speed control input of tray driver
22
GND
Ground
23
VINSP
Input for spindle driver
24
OPOUT
Comparator output
25
TRB_2
Regulator 2 driver output
26
VINTK
Input for tracking driver
27
BIAS
Input for reference voltage
28
MUTE
Input for mute control
Note 1: Symbols of + and - (output of drivers) mean polarity with respect to input pin.
(For example, if voltage of pin 1 is high, pin 14 is high and pin 13 is low.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com