Electronic Components Datasheet Search
  English  ▼

X  

232GE Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # 232GE
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

232GE Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  232GE Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232
Preliminary Datasheet
4
Aug. 2006 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
15
V
VSS
-15
VCC
7
Input Voltage Range
VI
Driver
-15 to 7
V
Receiver
-30 to 30
Power Dissipation (TA=25oC)
PD
SOIC-20
1340
mW
SSOP-20
1210
TSSOP-20
1100
Driver Output Voltage Range
VO
-15 to 15
V
Receiver Low-Level Output Current
IOL
20
mA
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to
the device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Supply Voltage
VDD
7.5
15
V
VSS
-15
-7.5
VCC
4.5
5.5
High-Level Input Voltage (Driver Only)
VIH
1.9
V
Low-Level Input Voltage (Driver Only)
VIL
0.8
V
High-Level Output Current
Driver
IOH
-6
mA
Receiver
-0.5
Low-Level Output Current
Driver
IOL
6
mA
Receiver
16
Operating Temperature Range
TA
-40
85
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com