Electronic Components Datasheet Search
  English  ▼

X  

232GE Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # 232GE
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

232GE Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button 232GE Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited 232GE Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232
Preliminary Datasheet
7
Aug. 2006 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Figure 6. Short-Circuit Output Current vs. Temperature
Figure 7. Slew Rate vs. Load Capacitance
Typical Performance Characteristics
Figure 4. Voltage Transfer Characteristics
Figure 5. Output Current vs. Output Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-12
-9
-6
-3
0
3
6
9
12
R
L
=3K
T
A
=25
oC
V
DD
=6V, V
SS
=-6V
V
DD
=9V, V
SS
=-9V
Input Voltage (V)
V
DD
=12V, V
SS
=-12V
-16
-12
-8
-4
0
4
8
12
16
-20
-16
-12
-8
-4
0
4
8
12
16
20
V
OH
(V
I
=0.8V)
V
OL
(V
I
=1.9V)
V
DD
=9V
V
SS
=-9V
T
A
=25
oC
Output Voltage (V)
-40
-20
0
20
40
60
80
-12
-9
-6
-3
0
3
6
9
12
15
18
I
OS(H)
(V
I
=0.8V)
I
OS(L)
(V
I
=1.9V)
V
DD
=9V
V
SS
=-9V
V
O
=0
Temperature (
oC)
10
100
1000
10000
1
10
100
1000
Slew Rate of Fall Edge
Slew Rate of Rise Edge
V
DD
= 9V
V
SS
= -9V
R
L
= 3K
T
A
= 25
oC
Load Capacitance (pF)
Driver Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com