Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53701
Description  DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53701 Datasheet(HTML) 32 Page - Texas Instruments

Back Button DAC53701 Datasheet HTML 28Page - Texas Instruments DAC53701 Datasheet HTML 29Page - Texas Instruments DAC53701 Datasheet HTML 30Page - Texas Instruments DAC53701 Datasheet HTML 31Page - Texas Instruments DAC53701 Datasheet HTML 32Page - Texas Instruments DAC53701 Datasheet HTML 33Page - Texas Instruments DAC53701 Datasheet HTML 34Page - Texas Instruments DAC53701 Datasheet HTML 35Page - Texas Instruments DAC53701 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
7.5.2.2 Command Byte
Table 7-11 lists the command byte addresses.
Table 7-11. Command Byte (Register Names)
ADDRESS
REGISTER NAME
D0h
STATUS
D1h
GENERAL_CONFIG
D2h
CONFIG2
D3h
TRIGGER
21h
DAC_DATA
25h
DAC_MARGIN_HIGH
26h
DAC_MARGIN_LOW
01h
PMBUS_OPERATION
78h
PMBUS_STATUS_BYTE
98h
PMBUS_VERSION
7.5.3 I2C Read Sequence
To read any register the following command sequence must be used:
1. Send a start or repeated start command with a target address and the R/ W bit set to 0 for writing. The
device acknowledges this event.
2. Send a command byte for the register to be read. The device acknowledges this event again.
3. Send a repeated start with the target address and the R/ W bit set to 1 for reading. The device
acknowledges this event.
4. The device writes the MSDB byte of the addressed register. The controller must acknowledge this byte.
5. Finally, the device writes out the LSDB of the register.
An alternative reading method allows for reading back the value of the last register written. The sequence is a
start or repeated start with the target address and the R/ W bit set to 1, and the two bytes of the last register are
read out.
The broadcast address cannot be used for reading.
Table 7-12. Read Sequence
S
MSB
…
R/ W
(0)
ACK
MSB
…
LSB
ACK
Sr MSB …
R/ W
(1)
ACK
MSB
…
LSB
ACK
MSB
…
LSB
ACK
Address Byte
Section 7.5.2.1
Command Byte
Section 7.5.2.2
Sr
Address Byte
Section 7.5.2.1
MSDB
LSDB
From controller
Target
From controller
Target
From controller
Target
From target
Controller
From target
Controller
DAC53701-Q1, DAC43701-Q1
SLASEW8A – OCTOBER 2020 – REVISED SEPTEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: DAC53701-Q1 DAC43701-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com