Electronic Components Datasheet Search
  English  ▼

X  

DAC53701 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC53701
Description  DACx3701-Q1 Automotive, 10-Bit and 8-Bit, Voltage-Output Smart DACs With Nonvolatile Memory and PMBus™ Compatible I2C Interface With GPI Control
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC53701 Datasheet(HTML) 3 Page - Texas Instruments

  DAC53701 Datasheet HTML 1Page - Texas Instruments DAC53701 Datasheet HTML 2Page - Texas Instruments DAC53701 Datasheet HTML 3Page - Texas Instruments DAC53701 Datasheet HTML 4Page - Texas Instruments DAC53701 Datasheet HTML 5Page - Texas Instruments DAC53701 Datasheet HTML 6Page - Texas Instruments DAC53701 Datasheet HTML 7Page - Texas Instruments DAC53701 Datasheet HTML 8Page - Texas Instruments DAC53701 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
5 Pin Configuration and Functions
1
GPI
8
OUT
2
SCL
7
FB
3
SDA
6
VDD
4
CAP
5
AGND
Not to scale
Thermal
Pad
Figure 5-1. DSG Package, 8-Pin WSON (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
GPI
Input
General-purpose input.
2
SCL
Input
Serial interface clock. This pin must be connected to the supply voltage with an external pullup
resistor.
3
SDA
Input/Output
Data are clocked into or out of the input register. This pin is a bidirectional, and must be connected to
the supply voltage with an external pullup resistor.
4
CAP
Input
External capacitor for the internal LDO. Connect a capacitor (approximately 1.5 µF) between CAP and
AGND.
5
AGND
Ground
Ground reference point for all circuitry on the device.
6
VDD
Power
Analog supply voltage: 1.8 V to 5.5 V
7
FB
Input
Voltage-feedback pin.
8
OUT
Output
Analog output voltage from DAC.
—
Thermal
Pad
Ground
Connect the thermal pad to AGND.
www.ti.com
DAC53701-Q1, DAC43701-Q1
SLASEW8A – OCTOBER 2020 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: DAC53701-Q1 DAC43701-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com