Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 18Page - Texas Instruments LMK6C Datasheet HTML 19Page - Texas Instruments LMK6C Datasheet HTML 20Page - Texas Instruments LMK6C Datasheet HTML 21Page - Texas Instruments LMK6C Datasheet HTML 22Page - Texas Instruments LMK6C Datasheet HTML 23Page - Texas Instruments LMK6C Datasheet HTML 24Page - Texas Instruments LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 70 page
background image
9 Detailed Description
9.1 Overview
The LMK6x is a fixed-frequency BAW based oscillator that can provide ultra-low jitter for both differential and
single-ended output types.
9.2 Functional Block Diagram
VDD
CLK_P
GND
Power
Conditioning
CLK_N
OE / ST / NC
Temp
Sensor
Frequency Control
Logic
Output/Chip
Control Logic
BAW
Fractional
Output
Divider
Output
driver
9.3 Feature Description
9.3.1 Bulk Acoustic Wave (BAW)
TI’s BAW resonator technology uses piezoelectric transduction to generate high-Q resonance at 2.5 GHz. The
resonator is defined by the quadrilateral area overlaid by top and bottom electrodes. Alternating high- and
low-acoustic impedance layers form acoustic mirrors beneath the resonant body to prevent acoustic energy
leakage into the substrate. Furthermore, these acoustic mirrors are also placed on top of the resonator stack
to protect the device from contamination and minimize energy leakage into the package materials. This unique
dual-Bragg acoustic resonator (DBAR) allows efficient excitation without the need of costly vacuum cavities
around the resonator. As a result, TI’s BAW resonator is immune to frequency drift caused by adsorption of
surface contaminants and can be directly placed in a non-hermetic plastic package with the oscillator IC in small
standard oscillator footprints. Refer to BAW for more details on BAW technology.
9.3.2 Device Block-Level Description
The device contains a BAW oscillator, a Fractional Output Divider (FOD), and output driver, which together
generates a pre-programmed output frequency. Temperature variations of oscillation frequency are continuously
monitored by internal precision temperature sensor and provided as input to the frequency control logic block.
Using this frequency control logic block, frequency corrections are performed internally for maintaining the output
frequency within ±25 ppm across temperature range and aging. The output driver is capable of providing both
single-ended LVCMOS and differential LVPECL, LVDS, and HCSL output formats. The device contains an
internal LDO which reduces the power supply noise, resulting in low noise clock output.
9.3.3 Function Pin(s)
Pin 1 on the LMK6C and pin 1 or pin 2 on the LMK6P, LMK6D, and LMK6H are the function pins which have
multiple functions based on the orderable part number. The function can be used as Output Enable (OE), Stand
By (ST) or No Connect (NC). Options for both Active High and Active Low are available for OE and ST. Contact
TI for Active Low options. Table 9-1 lists the functions of pin 1 and pin 2 for differential output 6-pin packages
and Table 9-2 lists the functions of pin 1 for single-ended outputs.
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com