Electronic Components Datasheet Search
  English  ▼

X  

LMK6C Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LMK6C
Description  LMK6x Low Jitter, High-Performance BAW Oscillator
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK6C Datasheet(HTML) 29 Page - Texas Instruments

Back Button LMK6C Datasheet HTML 25Page - Texas Instruments LMK6C Datasheet HTML 26Page - Texas Instruments LMK6C Datasheet HTML 27Page - Texas Instruments LMK6C Datasheet HTML 28Page - Texas Instruments LMK6C Datasheet HTML 29Page - Texas Instruments LMK6C Datasheet HTML 30Page - Texas Instruments LMK6C Datasheet HTML 31Page - Texas Instruments LMK6C Datasheet HTML 32Page - Texas Instruments LMK6C Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
10 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
The LMK6x is high-performance, fixed-frequency oscillator that can be used as a reference clock. The product
family supports any output frequency between 1 MHz to 400 MHz for differential LMK6D, LMK6H, LMK6P or 1
MHz to 200 MHz for singled-ended LVCMOS clock output types, and 1.8-V or 2.5-V through 3.3-V supply rails.
10.2 Typical Application
For reference schematic implementation for LMK6x family of oscillators, refer to the LMK6EVM User's Guide for
bypass capacitor and AC-coupling capacitor value recommendations. Refer to the Clock Output Interfacing and
Termination section for output clock required termination and biasing.
Figure 10-1 shows a typical application example. The LMK6D differential oscillator is used as an input to the
LVDS buffer input in this example.
LMK6D Differential Oscillator - 156.25 MHz
100
ASIC / FPGA / PHY
VDD
Power
Conditioning
Output/Chip
Control Logic
1 μF
OE
Output
driver
GND
CLK_ P
CLK_ N
Figure 10-1. Application Example
10.2.1 Design Requirements
The LMK6x is a fixed-frequency oscillator with no programming needed. Make sure to follow the recommended
termination options as described in the Clock Output Interfacing and Termination section closely. Refer to the
Function Pin(s) section to understand the pin 1 and pin 2 functions, and order the part number as per your
requirements for Output Enable (OE), Standby (ST) options.
10.2.2 Detailed Design Procedure
The LMK6x has three different options for differential output which are LVDS, LVPECL, HCSL type and one
LVCMOS single-ended output type. For designing with the any of the oscillator output type in actual system, use
the proper AC or DC termination based on the application requirement. Refer to the Clock Output Interfacing
and Termination section for the details of all the AC and DC termination schemes and use the appropriate
option. The figures in this section have all the AC and DC coupling options with the termination resistor
values. The LMK6x has an integrated LDO and has excellent PSRR performance as shown in the Electrical
Characteristics table. Refer to the LMK6EVM for the reference layout recommendation while designing the
LMK6x BAW oscillator.
For the Function Pin 1 of LMK6C, connect typical 10-kΩ or less resistor to VDD for driving the OE pin High. Note
this pin can be left open if you do not want to use pullup resistor as the device has > 100-kΩ internal pullup
resistor. For driving the OE pin to Low, use the typical 10 kΩ or less resistor as a pulldown resistor. For the
Function Pin 1 or Functional Pin 2 for LMK6D, LMK6H, LMK6P, you can use the similar approach described for
LMK6C.
www.ti.com
LMK6C, LMK6D, LMK6H, LMK6P
SNAS826D – APRIL 2022 – REVISED FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LMK6C LMK6D LMK6H LMK6P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com