Electronic Components Datasheet Search
  English  ▼

X  

TPS92201DRVR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS92201DRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201DRVR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS92201DRVR Datasheet HTML 9Page - Texas Instruments TPS92201DRVR Datasheet HTML 10Page - Texas Instruments TPS92201DRVR Datasheet HTML 11Page - Texas Instruments TPS92201DRVR Datasheet HTML 12Page - Texas Instruments TPS92201DRVR Datasheet HTML 13Page - Texas Instruments TPS92201DRVR Datasheet HTML 14Page - Texas Instruments TPS92201DRVR Datasheet HTML 15Page - Texas Instruments TPS92201DRVR Datasheet HTML 16Page - Texas Instruments TPS92201DRVR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SW
IN
OUT
OUT
L
L
MAX
,
OUT
MAX
,
L
f
L
V
V
1
V
I
2
I
I
I
´
-
´
=
D
D
+
=
(4)
where:
• IOUT,MAX is the maximum output current
• ΔIL is the inductor current ripple
• fSW is the switching frequency
• L is the inductor value
It is recommended to choose a saturation current for the inductor that is approximately 20% to 30% higher than
IL,MAX. In addition, DC resistance and size should also be taken into account when selecting an appropriate
inductor.
8.2.2.5 Input and Output Capacitor Selection
The architecture of the TPS92201 allows use of tiny ceramic-type output capacitors with low equivalent series
resistance (ESR). These capacitors provide low output voltage ripple and are thus recommended. To keep
its resistance up to high frequencies and to achieve narrow capacitance variation with temperature, it is
recommended to use X7R or X5R dielectric.
The input capacitor is the low impedance energy source for the converter that helps provide stable operation.
A low ESR multilayer ceramic capacitor is recommended for best filtering. For most applications, 4.7-µF input
capacitance is sufficient; a larger value reduces input voltage ripple.
The TPS92201 is designed to operate with an output capacitor of 10 µF to 47 µF, as outlined in Table 8-3.
www.ti.com
TPS92201, TPS92201A
SLVSH40 – NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS92201 TPS92201A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com