Electronic Components Datasheet Search
  English  ▼

X  

TPS92201DRVR Datasheet(PDF) 25 Page - Texas Instruments

Part # TPS92201DRVR
Description  TPS92201 1.5-A High Efficiency Synchronous Buck LED Driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS92201DRVR Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS92201DRVR Datasheet HTML 20Page - Texas Instruments TPS92201DRVR Datasheet HTML 21Page - Texas Instruments TPS92201DRVR Datasheet HTML 22Page - Texas Instruments TPS92201DRVR Datasheet HTML 23Page - Texas Instruments TPS92201DRVR Datasheet HTML 24Page - Texas Instruments TPS92201DRVR Datasheet HTML 25Page - Texas Instruments TPS92201DRVR Datasheet HTML 26Page - Texas Instruments TPS92201DRVR Datasheet HTML 27Page - Texas Instruments TPS92201DRVR Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
www.ti.com
PACKAGE OUTLINE
C
6X
0.35
0.25
1.6 0.1
6X
0.3
0.2
2X
1.3
1 0.1
4X 0.65
0.8
0.7
0.05
0.00
B
2.1
1.9
A
2.1
1.9
(0.2) TYP
WSON - 0.8 mm max height
DRV0006A
PLASTIC SMALL OUTLINE - NO LEAD
4222173/B 04/2018
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
(OPTIONAL)
PIN 1 ID
0.1
C A
B
0.05
C
THERMAL PAD
EXPOSED
7
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 5.500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com