Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP2301
Description  1.5A DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2301 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP2301 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.5A DDR TERMINATION REGULATOR
AP2301
Preliminary Datasheet
1
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Figure 1. Package Types of AP2301
SOIC-8
General Description
The AP2301 linear regulator is designed to meet the
JEDEC specification SSTL-2 and SSTL-18 for termi-
nation of DDR-SDRAM. The regulator can sink or
source up to 1.5A current continuously, offers enough
current for most DDR applications. Output voltage is
designed to track the reference voltage within a 2%
tolerance for load regulation while preventing shooting
through on the output stage. On-chip thermal limiting
provides protection against a combination of high cur-
rent and ambient temperature which would create an
excessive junction temperature.
The AP2301, used in conjunction with series termina-
tion resistors, provides an excellent voltage source for
active termination schemes of high speed transmission
lines as those seen in high speed memory buses and
distributed backplane designs.
The AP2301 is available in SOIC-8 and TO-252-5L
packages.
Features
·
Support Both DDR I (1.25VTT) and DDR II
(0.9VTT) Requirements
·
Source and Sink Current up to 1.5A
·
High Accuracy Output Voltage at Full-load
·
Adjustable VOUT by External Resistors
·
Shutdown for Standby or Suspend Mode
Operation with High-impedance Output
Applications
·
DDR-SDRAM Termination
·
DDR-II Termination
·
SSTL-2 Termination
TO-252-5L


Similar Part No. - AP2301

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP2301 RFHIC-AP2301 Datasheet
347Kb / 5P
MMIC
logo
Diodes Incorporated
AP2301 DIODES-AP2301 Datasheet
374Kb / 18P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
DS32241 Rev. 1 - 2
AP2301A DIODES-AP2301A Datasheet
656Kb / 17P
2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
February 2018 Rev. 2 - 2
logo
ZP Semiconductor
AP2301AGN ZPSEMI-AP2301AGN Datasheet
386Kb / 6P
P-Channel Enhancement Mode MOSFET
logo
Advanced Power Electron...
AP2301AGN-HF A-POWER-AP2301AGN-HF Datasheet
56Kb / 4P
Simple Drive Requirement, Small Package Outline
More results

Similar Description - AP2301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1654 FAIRCHILD-FAN1654 Datasheet
80Kb / 7P
1.5A LDO, DDR Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7996 EUTECH-EUP7996 Datasheet
316Kb / 10P
1.5A DDR Termination Regulator
logo
Silicon Standard Corp.
SS6383 SSC-SS6383 Datasheet
745Kb / 7P
1.5A DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190 Datasheet
152Kb / 8P
1.5A DDR Memory Termination Regulator
May, 2013 ??Rev. 0
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
ON Semiconductor
NCP51190 ONSEMI-NCP51190_14 Datasheet
107Kb / 9P
1.5A DDR Memory Termination Regulator
November, 2014 ??Rev. 3
NCP51190 ONSEMI-NCP51190_17 Datasheet
113Kb / 9P
1.5A DDR Memory Termination Regulator
January, 2017 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com