Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP2301
Description  1.5A DDR TERMINATION REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2301 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP2301 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2301 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1.5A DDR TERMINATION REGULATOR
AP2301
Preliminary Datasheet
3
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Functional Block Diagram
Figure 3. Functional Block Diagram of AP2301
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-8
0 to 125oC
AP2301M
AP2301M-E1
2301M
2301M-E1
Tube
AP2301MTR
AP2301MTR-E1
2301M
2301M-E1
Tape & Reel
TO-252-
5L
0 to 125oC
AP2301D
AP2301D-E1
AP2301D
AP2301D-E1
Tube
AP2301DTR
AP2301DTR-E1
AP2301D
AP2301D-E1
Tape & Reel
Ordering Information
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Package
M: SOIC-8
E1: Lead Free
Blank: Tin Lead
AP2301
-
TR: Tape and Reel
Blank: Tube
BANDGAP
START UP
CURRENT
LIMIT
THERMAL
PROTECT
OUTPUT
CONTROL
REFEN
V
IN
V
CNTL
GND
V
OUT
D: TO-252-5L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com