Electronic Components Datasheet Search
  English  ▼

X  

15H42 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 15H42
Description  PCB Relays Single Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15H42 Datasheet(HTML) 1 Page - Tyco Electronics

  15H42 Datasheet HTML 1Page - Tyco Electronics 15H42 Datasheet HTML 2Page - Tyco Electronics 15H42 Datasheet HTML 3Page - Tyco Electronics 15H42 Datasheet HTML 4Page - Tyco Electronics 15H42 Datasheet HTML 5Page - Tyco Electronics 15H42 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
156
Features
– Limiting continuous
current 32 A at 85°C
– Wide voltage range
Typical Applications
– ABS control
– Blower fans
– Car alarm
– Cooling fan
– Engine control
– Fuel pump
– Hazard warning signal
– Heated front screen
– Heated rear screen
– Ignition
– Lamps front, rear, fog light
– Interior lights
– Main switch/supply relay
– Seat control
– Seatbelt pretensioner
– Sun roof
– Turn signal
– Valves
– Window lifter
– Wiper control
Please contact Tyco Electronics
for relay application support.
Design
– ELV compliant
– Open: flux tight type
– Sealed: washable type
Weight
– Approx. 19 g (0.67 oz.)
open version
– Approx. 22 g (0.77 oz.)
sealed version
Nominal Voltage
12 V or 24 V
Terminals
PCB terminals, for assembly on
printed circuit boards
Conditions
All parametric, environmental and
endurance tests are performed
according to EIA Standard RS-407-A
at standard test conditions unless
otherwise noted:
23°C ambient temperature,
20 - 50% RH, 998.9 ±33.9 hPa.
For general storage and processing
recommendations please refer to our
Application Notes and especially to
Storage in the “Glossary” page 23 or
at http://relays.tycoelectronics.com/
appnotes/
VKP_3d01
Disclaimer
All technical performance data apply to the relay as such, specific conditions of the individual application are not considered. Please always check the suitability of the
relay for your intended purpose. We do not assume any responsibility or liability for not complying herewith. We recommend to complete our questionnaire and to request
our technical service. Any responsibility for the application of the product remains with the customer only. All specifications are subject to change without notification.
All rights of Tyco Electronics are reserved.


Similar Part No. - 15H42

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
15HC SEMTECH-15HC Datasheet
239Kb / 4P
SILICON PLANAR ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
15HC SEMTECH_ELEC-15HC Datasheet
250Kb / 4P
SILICON PLANAR ZENER DIODES
logo
API Delevan
15HC-10 API-15HC-10 Datasheet
1Mb / 1P
High Current Filter Chokes
15HC-100 API-15HC-100 Datasheet
1Mb / 1P
High Current Filter Chokes
15HC-27 API-15HC-27 Datasheet
1Mb / 1P
High Current Filter Chokes
More results

Similar Description - 15H42

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Tyco Electronics
T72M MACOM-T72M Datasheet
132Kb / 5P
PCB Relays / Single Relays
V23081 MACOM-V23081 Datasheet
138Kb / 4P
PCB relays Twin relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
General Purpose Relays PCB Relays
04-2011, Rev. 0411
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
General Purpose Relays PCB Relays
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
General Purpose Relays PCB Relays
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
General Purpose Relays PCB Relays
T77V1D10-24 MACOM-T77V1D10-24 Datasheet
401Kb / 2P
General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
General Purpose Relays PCB Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com