Electronic Components Datasheet Search
  English  ▼

X  

15H42 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 15H42
Description  PCB Relays Single Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

15H42 Datasheet(HTML) 4 Page - Tyco Electronics

  15H42 Datasheet HTML 1Page - Tyco Electronics 15H42 Datasheet HTML 2Page - Tyco Electronics 15H42 Datasheet HTML 3Page - Tyco Electronics 15H42 Datasheet HTML 4Page - Tyco Electronics 15H42 Datasheet HTML 5Page - Tyco Electronics 15H42 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VKP (Open – Sealed)
PCB Relays
Single Relays
Catalog 1308028-2
Revised 6-2009
All specifications subject to change. Consult Tyco Electronics for latest specifications.
159
Contact Data
Typical areas of application
Contact configuration
Circuit symbol
(see also Pin assignment)
Rated voltage
Rated current
Limiting continuous current
23°C
85°C
105°C
Contact material
Max. switching voltage/power
Max. switching current
On 2)
Off
Steady-state flashing 3)
Open
Sealed
Alternate flashing 4)
Open
Sealed
Min. recommended load 5)
Voltage drop (initial) at 10 A
Mechanical endurance (without load)
Electrical endurance
1) Center contact pin 4 to be connected to positive potential.
2) Inrush current for lamp load.
3) Continuous On-Off cycling of a single set of lamps at 60 to 90 operations per minute and approx. a 50% duty cycle.
4) Continuous cycling between two sets of lamps with one set switched by the NO contacts and the other by the NC contacts, at 60 to 90 operations per minute
and approx. a 50% duty cycle.
5) See chapter Diagnostics of Relays in our Application Notes page 31 or consult the internet at http://relays.tycoelectronics.com/appnotes/
Flashing lamps
1 Make contact/
1 Changeover contact/
1 Form A
1 Form C
12 V
30 A
20 /30 A
35 A
25/35 A
30 A
20/30 A
25 A
15/25 A
AgSnO2 (VKP-***72) 1)
See load limit curve on previous page
High current version
High current version
NC/NO
240 A
60/240 A
30 A
20/30 A
NC/NO
30 A
10/30 A
25 A
10/25 A
NC/NO
8/8 A
8/8 A
1 A at 5 V
100 mV max. for NO contacts,
200 mV max. for NC contacts, typ. 40 mV
Typ. 107 operations
See application information below
3
5(–)
4(+)
Coil Data
Available for nominal voltages
12 V / 24 V
Nominal power consumption of the unsuppressed coil at nominal voltage
1.6 W
Test voltage winding/contact
500 VACrms
Maximum ambient temperature range
–40 to +125°C
Operate time at nominal voltage
Typ. 5 ms
Release time at nominal voltage 1)
Typ. 3 ms
1)
For unsuppressed relay coil.
Note:
A low resistive suppression device in parallel to the relay coil increases the release time and reduces
the lifetime caused by increased erosion and/or higher risk of contact tack welding.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com