Electronic Components Datasheet Search
  English  ▼

X  

AP4310AM Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4310AM
Description  DUAL OP AMP AND VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4310AM Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4310AM Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310
4
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Power Supply Voltage (VCC to GND)
VCC
40
V
Op Amp 1 and 2 Input Voltage Range (Pins 2, 5, 6)
VIN
-0.3 to VCC+0.3
V
Op Amp 2 Input Differential Voltage (Pins 5, 6)
VID
40
V
Voltage Reference Cathode Current (Pin 3)
IK
100
mA
Power Dissipation (TA=25
oC)
PD
DIP-8
800
mW
SOIC-8
500
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering 10s)
TLEAD
260
oC
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Max-
imum Ratings" for extended periods may affect device reliability.
Parameter
Min
Max
Unit
Supply Voltage
3
36
V
Ambient Temperature
-40
105
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com