Electronic Components Datasheet Search
  English  ▼

X  

AP4310AM Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP4310AM
Description  DUAL OP AMP AND VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4310AM Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4310AM Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP4310AM Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DUAL OP AMP AND VOLTAGE REFERENCE
AP4310
7
Jul. 2006 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Data Sheet
-40
-20
0
20406080
100
120
0
5
10
15
20
25
30
Ambient Temperature (
oC)
Figure 6. Input Bias Current vs. Ambient Temperature
0
2
4
6
8
1012
14
161820
60
70
80
90
100
110
Supply Voltage (V)
R
L
=2KΩ
R
L
=20KΩ
Figure 7. Op Amp Voltage Gain
-2
-1
01
23
-100
-50
0
50
100
150
Cathode Voltage (V)
V
KA
=V
REF
T
A
=25
0C
-40
-20
0
20406080
100
120
2.480
2.485
2.490
2.495
2.500
2.505
2.510
Ambient Temperature (
oC)
Typical Performance Characteristics
Figure 5. Cathode Current vs. Cathode Voltage
Figure 4. Reference Voltage vs. Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com