Electronic Components Datasheet Search
  English  ▼

X  

AP2316 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP2316
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2316 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2316 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2316
6
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage
VOUT
AP2316-2.5 IOUT=10mA, VIN=4.5V, TJ=25
oC
10mA
≤I
OUT≤600mA, 3.9V≤ VIN ≤10V
2.475
2.450
2.5
2.5
2.525
2.550
V
AP2316-3.3 IOUT=10mA, VIN=5.0V, TJ=25
oC
10mA
≤I
OUT≤ 600mA, 4.75V≤VIN≤10V
3.267
3.235
3.3
3.3
3.333
3.365
V
Line Regulation
∆V
OUT
AP2316-2.5
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
1
6
mV
AP2316-3.3
IOUT=10mA, 1.5V≤VIN-VOUT≤10V
1
6
mV
Load Regulation
∆V
OUT
AP2316-2.5
(VIN-VOUT)=2V, 10mA≤IOUT≤600mA
1
10
mV
AP2316-3.3
(VIN-VOUT)=2V, 10mA≤ IOUT≤600mA
1
10
mV
Dropout Voltage
VDROP
∆V
OUT=1%, IOUT=0.6A
1.1
1.3
V
Current Limit
ILIMIT
(VIN-VOUT)=2V
0.75
0.9
A
Quiescent Current
IQ
VIN=VOUT+1.25V
5
mA
Ripple Rejection
PSRR
f=120Hz, COUT=22µF
(V
IN-VOUT)=3V, IOUT=300mA
60
75
dB
Temperature Stability
0.5
%
Long-Term Stability
TA=125
oC, 1000hrs.
0.3
%
RMS Output Noise
(% of VOUT)
TA=25
oC, 10Hz
≤f≤10KHz
0.003
%
Thermal Shutdown
Junction Temperature
150
oC
Thermal Shutdown
Hysteresis
25
oC
Operating Conditions: VIN≤10V, TJ=25
oC, unless otherwise specified. (P
≤maximum power dissipation)
Limits appearing in Boldface type apply over the entire junction temperature range for operation, -40oC to 125oC
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com