Electronic Components Datasheet Search
  English  ▼

X  

AP2316 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP2316
Description  600mA LOW DROPOUT LINEAR REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2316 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2316 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2316 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
600mA LOW DROPOUT LINEAR REGULATOR
AP1117M
Data Sheet
600mA LOW DROPOUT LINEAR REGULATOR
AP2316
8
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Figure 8. Maximum Power Dissipation
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Case Temperature (
oC)
SOT-89-3
Typical Performance Characteristics (Continued)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Junction Temperature (
oC)
Figure 9. Current Limit vs. Junction Temperature
Figure 10. Line Transient Response
Figure 11. Load Transient Response
Time (20
µs/Div)
4.8
5.3
5.8
-0.1
0
0.1
0.2
4.3
3.8
Time (10
µs/Div)
0
0.3
0.6
-50
0
50
100
-0.3
0.01A
-0.6
(Conditions: VIN=4.8 to 5.8V, VOUT=3.33V, IOUT=0.1A,
CIN=1µF, COUT=10µF)
(Conditions: VIN=4.8V, VOUT=3.33V, IOUT=0.01 to 0.6A,
CIN=COUT=10µF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com