Electronic Components Datasheet Search
  English  ▼

X  

AP3019 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AP3019
Description  WHITE LED STEP-UP CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3019 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3019 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
WHITE LED STEP-UP CONVERTER
AP3019
Preliminary Datasheet
7
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics (Continued)
Figure 10. Output Clamp Voltage vs. Input Voltage
Figure 11. Input Current in Output Open Circuit
Figure 8. Shutdown Quiescent Current vs. Input Voltage
vs. Input Voltage
Figure 9. Supply Current vs. Input Voltage
(VF of WLED is 3.45V @ IF=20mA, unless otherwise noted )
24
68
10
12
14
16
0
5
10
15
20
25
30
Input Voltage (V)
0
2
4
6
8
10
12
14
16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage (V)
-50
OC
25
OC
100
OC
2
4
6
8
10
12
14
16
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
Input Voltage (V)
2.5
3.0
3.5
4.0
4.5
5.0
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com