Electronic Components Datasheet Search
  English  ▼

X  

AP3019 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3019
Description  WHITE LED STEP-UP CONVERTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3019 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3019 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3019 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
WHITE LED STEP-UP CONVERTER
AP3019
Preliminary Datasheet
1
Apr. 2007 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
General Description
The AP3019 is an inductor-based DC/DC converter
designed to drive up to five white LEDs in series for
backlight. Only one feedback resistor is needed to con-
trol the LED current and obtain satisfied brightness.
A constant frequency 1.0MHz PWM control scheme is
employed in this IC, which means the tiny external
components can be used. In fact, 1mm tall inductor and
0.22µF output capacitor for the typical application is
very appropriate. Additionally, the schottky diode in
boost circuit is integrated in this chip. AP3019 also
provides a disable port to ease its use for different sys-
tems.
The over output voltage protection is equipped in
AP3019. When any LED is broken or in other abnor-
mal conditions, the output voltage will be clamped to
27V.
The AP3019 is available in standard SOT-23-6 pack-
age.
Features
·
Inherently Uniform LED Current
·
High Efficiency up to 84%
·
No Need for Extra Schottky Diode
·
Over Output Voltage Protection
·
Drives 2 to 5 LEDs
·
Fast 1.0MHz Switching Frequency
·
Uses Tiny 1mm Tall Inductor
·
Requires Only 0.22µF Output Capacitor
Applications
·
Cellular Phones
·
Digital Cameras
·
LCD modules
·
GPS Receivers
·
PDAs, Handheld Computers
Figure 1. Package Type of AP3019
SOT-23-6


Similar Part No. - AP3019

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3019A DIODES-AP3019A Datasheet
305Kb / 12P
WHITE LED STEP-UP CONVERTER
Rev 3
logo
BCD Semiconductor Manuf...
AP3019AKTR-G1 BCDSEMI-AP3019AKTR-G1 Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3019AKTTR-G1 BCDSEMI-AP3019AKTTR-G1 Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3019

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com