Electronic Components Datasheet Search
  English  ▼

X  

AS393 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AS393 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
5
Aug. 2006 Rev. 1.6
Figure 4. Supply Voltage vs. Supply Current
Figure 5. Supply Voltage vs. Input Bias Current
Typical Performance Characteristics
Negative Transition
Figure 7. Response Time for 5mV Input Overdrive -
Figure 6. Output Sink Current vs. Saturation Voltage
0
6
4
2
-100
0
-50
1.8 2.0
1.4 1.6
1.0 1.2
0.6 0.8
0.2 0.4
0
Time (
µs)
10m
100m
1
10
100
1E-3
0.01
0.1
1
10
I
O
-Output Sink Current (mA)
85
oC
70
oC
25
oC
-40
oC
0
5
10
15
20
25
30
35
40
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Supply Voltage (V)
Ta=-40
oC
Ta=0
oC
Ta=25
oC
Ta=70
oC
Ta=85
oC
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
10
20
30
40
50
60
70
80
90
100
Supply Voltage (V)
-40
oC
0
oC
25
oC
70
oC
85
oC
V
IN
V
CC
5.1K
V
OUT
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com