Electronic Components Datasheet Search
  English  ▼

X  

AS393 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AS393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS393 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AS393 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AS393 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AS393/393A
BCD Semiconductor Manufacturing Limited
Data Sheet
1
Aug. 2006 Rev. 1.6
General Description
The AS393/393A consist of two independent precision
voltage comparators with a typical offset voltage of
1.0mV and high gain. They are specifically designed to
operate from a single power supply over wide range of
voltages. Operation from split power supply is also
possible and the low power supply current drain is
independent of the magnitude of the power supply
voltage.
The AS393/393A series are compatible with industry
standard 393. AS393A has more stringent input offset
voltage than AS393.
The AS393 is available in standard DIP-8, SOIC-8
TSSOP-8 packages, AS393A is available in standard
DIP-8 and SOIC-8 packages.
Features
·
Wide Supply Voltage Range
- Single Supply: 2.0V to 36V
- Dual Supplies:
±1.0V to ±18V
·
Low Supply Current Drain: 0.6mA
·
Low Input Bias Current: 25nA (Typical)
·
Low Input Offset Current:
±5.0nA (Typical)
·
Low Input Offset Voltage: 1.0mV (Typical)
·
Input Common Mode Voltage Range Includes
Ground
·
Differential Input Voltage Range Equals to the
Power Supply Voltage
·
Low Output Saturation Voltage: 200mV at 4mA
·
Open Collector Output
Applications
·
Battery Charger
·
Cordless Telephone
·
Switching Power Supply
·
DC-DC Module
·
PC Motherboard
·
Communication Equipment
Figure 1. Package Types of AS393/393A
SOIC-8
TSSOP-8
DIP-8


Similar Part No. - AS393

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393,393A BCDSEMI-AS393,393A Datasheet
759Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
ams AG
AS3930 AMSCO-AS3930 Datasheet
1,008Kb / 33P
Single Channel Low Frequency Wakeup Receiver
AS3930 AMSCO-AS3930 Datasheet
491Kb / 32P
Single Channel Low Frequency Wakeup Receiver
More results

Similar Description - AS393

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
Low Power Low Offset Voltage Dual Comparators
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
Low-Power, Low-Offset Voltage, Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
Low Power Low Offset Voltage Dual Comparators
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com