Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 12 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 12 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
12
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Typical Performance Characteristics
Figure 4. Output Voltage vs. Junction Temperature
Figure 5. Dropout Voltage vs. Junction Temperature
Figure 6. Ground Pin Current vs. Output Current
Figure 7. Ground Pin Current vs. Junction Temperature
-60
-40
-20
0
20
40
60
80
100
120
140
2.484
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
2.502
Junction Temperature (
oC)
AP2213-2.5
V
IN
=3.5V, I
OUT
=10mA
C
IN
=1µF, C
OUT
=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
800
850
Junction Temperature (
oC)
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
I
OUT
=300mA
I
OUT
=500mA
C
IN
=1µF, C
OUT
=2.2µF
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
T
A
=25
oC
C
IN
=1µF, C
OUT
=2.2µF
-60
-40
-20
0
20
40
60
80
100
120
140
0
2
4
6
8
10
12
14
16
18
20
Junction Temperature (
0C)
I
OUT
=50mA
I
OUT
=100mA
I
OUT
=150mA
I
OUT
=300mA
I
OUT
=500mA
AP2213-2.5
V
IN=3.5V, CIN=1µF, COUT=2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com