Electronic Components Datasheet Search
  English  ▼

X  

AP2213 Datasheet(PDF) 14 Page - BCD Semiconductor Manufacturing Limited

Part # AP2213
Description  500mA LOW NOISE LDO REGULATOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2213 Datasheet(HTML) 14 Page - BCD Semiconductor Manufacturing Limited

Back Button AP2213 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited AP2213 Datasheet HTML 18Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
500mA LOW NOISE LDO REGULATOR
AP2213
Data Sheet
14
Mar. 2007 Rev. 1. 2
BCD Semiconductor Manufacturing Limited
Figure 13. Line Transient
(Conditions: VIN=3.4 to 4.4V, VEN=2V, IOUT=100µA,
Time (200
µs/Div)
Figure 14. VEN vs. VOUT
(Conditions: VEN=0 to 2V, VIN=3.5V, IOUT=30mA,
CBYP=open, CIN=1µF, COUT=2.2µF)
Time (40
µs/Div)
AP2213-2.5
AP2213-2.5
3.5
4.5
0
0
1
0
1
Typical Performance Characteristics (Continued)
Figure 12. Load Transient
(Conditions: VIN=3.5V, CBYP=100pF, VEN=2V,
Time (200
µs/Div)
AP2213-2.5
-10
0
0
0.5
Figure 15. PSRR vs. Frequency
10
CBYP=100pF, COUT=2.2µF)
10mA
IOUT=10 to 500mA, CIN=1µF, COUT=2.2µF)
1
-0.5
-20
-30
2.5
5.5
-10
-20
2
3
2
-1
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2213-2.5
V
IN
=3.5V, V
RIPPLE
=1V
PP
I
OUT
=10mA, C
OUT
=2.2µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com