Electronic Components Datasheet Search
  English  ▼

X  

AM5680 Datasheet(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

Part # AM5680
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5680 Datasheet(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM5680 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680
Data Sheet
7
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Electrical Characteristics (Continued, Note 4)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Tray Driver
Output Saturation Voltage 1
VSAT1TR
Upper+Lower saturation,
IL=200mA
0.7
1.3
1.6
V
Output Saturation Voltage
between FWD and REV
∆V
SAT1TR
Output Saturation Voltage 1
between FWD and REV
-0.1
0.1
V
Output Saturation Voltage 2
VSAT2TR
Upper+Lower saturation,
IL=500mA
1.0
2.1
2.5
V
Output Adjustable Gain on
"H" Side Voltage
GVTRH
at 45
Ω load, V
VCTL=1V
7.4
9.2
11
dB
Tray Motor Driver Input Logic
High Level Input Voltage
VIH
1.5
VCC1
V
Low Level Input Voltage
VIL
-0.3
0.5
V
High Level Input Current
IIH
VFWD=VREV=5V
110
270
µA
Regulator (Note 5)
Output Voltage
VREG
IL=500mA
1.5
4.0
V
Output Load Differential
∆V
RL
IL=0 to 500mA
-50
0
50
mV
Power Supply Voltage
Differential
∆V
VCC
VCC=4.3 to 8V, IL=500mA
-25
0
25
mV
Note 4: This device is not designed for protection against radioactive rays.
Note 5: It is based on 8550D PNP transistor.
(TA=25
oC, V
CC1=VCC2=5V, VBIAS=1.65V, RL=10Ω/45Ω, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com