Electronic Components Datasheet Search
  English  ▼

X  

AM5680 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AM5680
Description  5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM5680 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AM5680 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM5680 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680
Data Sheet
3
Mar. 2007 Rev. 1. 3
BCD Semiconductor Manufacturing Limited
Pin Description
Pin Number
Pin Name
Function
1
VINFC
Input for focus driver
2
TRB_1
Regulator 1 driver output
3
REGO2
Regulator 2 feedback input
4
VINSL
Input for the sled driver
5
REGO1
Regulator 1 feedback input
6
FWD
Tray driver forward input
7
REV
Tray driver reverse input
8
VCC1
VCC for pre-drive block and power block of sled and tray
9
VOTR-
Tray driver output (-)
10
VOTR+
Tray driver output (+)
11
VOSL+
Sled driver output (+)
12
VOSL-
Sled driver output (-)
13
VOFC-
Focus driver output (-)
14
VOFC+
Focus driver output (+)
15
VOTK+
Tracking driver output (+)
16
VOTK-
Tracking driver output (-)
17
VOSP+
Spindle driver output (+)
18
VOSP-
Spindle driver output (-)
19
VCC2
VCC for power block of spindle, tracking and focus
20
VCCD
Input for voltage detection
21
VCTL
Speed control input of tray driver
22
GND
Ground
23
VINSP
Input for spindle driver
24
RESET
Output for system reset
25
TRB_2
Regulator 2 driver output
26
VINTK
Input for tracking driver
27
BIAS
Input for reference voltage
28
MUTE
Input for mute control
Note 1: Symbols of + and - (output of drivers) mean polarity with respect to input pin.
(For example, if voltage of pin 1 is high, pin 14 is high and pin 13 is low.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com