Electronic Components Datasheet Search
  English  ▼

X  

2982 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 2982
Description  (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2982 Datasheet(HTML) 1 Page - Allegro MicroSystems

  2982 Datasheet HTML 1Page - Allegro MicroSystems 2982 Datasheet HTML 2Page - Allegro MicroSystems 2982 Datasheet HTML 3Page - Allegro MicroSystems 2982 Datasheet HTML 4Page - Allegro MicroSystems 2982 Datasheet HTML 5Page - Allegro MicroSystems 2982 Datasheet HTML 6Page - Allegro MicroSystems 2982 Datasheet HTML 7Page - Allegro MicroSystems 2982 Datasheet HTML 8Page - Allegro MicroSystems 2982 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Recommended for high-side switching applications that benefit from
separate logic and load grounds, these devices encompass load supply
voltages to 80 V and output currents to -500 mA. These 8-channel source
drivers are useful for interfacing between low-level logic and high-current
loads. Typical loads include relays, solenoids, lamps, stepper and/or servo
motors, print hammers, and LEDs.
All devices may be used with 5 V logic systems — TTL, Schottky TTL,
DTL, and 5 V CMOS. The UDN2981A, UDN2982A, UDN2982LW, and
A2982SLW are electrically interchangeable, will withstand a maximum
output off voltage of 50 V, and operate to a minimum of 5 V; the UDN2983A,
UDN2984A, UDN2984LW, and A2984SLW drivers are electrically inter-
changeable, will withstand an output voltage of 80 V, and operate to a
minimum of 35 V. All devices in this series integrate input current limiting
resistors and output transient suppression diodes, and are activated by an
active high input.
The suffix ‘A’ (all devices) indicates an 18-lead plastic dual in-line
package with copper lead frame for optimum power dissipation. Under
normal operating conditions, these devices will sustain 120 mA continuously
for each of the eight outputs at an ambient temperature of +50
°C and a supply
of 15 V.
The suffix ‘LW’ (UDN2982LW and UDN2984LW only) indicates an 18-
lead surface-mountable wide-body SOIC package; the A2982SLW and
A2984SLW are provided in a 20-lead wide-body SOIC package with im-
proved thermal characteristics.
The UDN2982A, UDN2982LW, A2982SLW, UDN2984A,
UDN2984LW, and A2984SLW drivers are also available for operation over
an extended temperature range to -40
°C. To order, change the prefix ‘UDN’
to ‘UDQ’ or the suffix ‘SLW’ to ‘ELW’.
FEATURES
I TTL, DTL, PMOS, or CMOS Compatible Inputs
I 500 mA Output Source Current Capability
I Transient-Protected Outputs
I Output Breakdown Voltage to 80 V
I DIP or SOIC Packaging
8-CHANNEL SOURCE DRIVERS
Always order by complete part number, e.g.,
UDN2981A .
Note that all devices are not available in all package styles.
ABSOLUTE MAXIMUM RATINGS
at 25
°C Free-Air Temperature
Output Voltage Range, VCE
(UDN2981A, UDN2982A,
UDN2982LW, and A2982SLW) . . 5 V to 50 V
(UDN2983A, UDN2984A,
UDN2984LW, and A2984SLW) . 35 V to 80 V
Input Voltage, VIN
(UDN2981A and UDN2983A) . . . . . . . . . 15 V
(UDN2982A, UDN2984A,
UDN2982LW, UDN2984LW,
A2982SLW, and A2984SLW) . . . . . . . . . 20 V
Output Current, IOUT . . . . . . . . . . . . . . -500 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . . . . . . -20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . . . . . -55
°C to +150°C
1
2
3
4
5
6
7
8
VS
GND
11
12
13
14
15
16
17
18
UDN2981A thru UDN2984A
Dwg. No. A-10, 243
2981 THRU
2984
Note that the UDN2980A series (dual in-line
package) and UDN2980LW series (small-outline
IC package) are electrically identical and share a
common terminal number assignment.


Similar Part No. - 2982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2982 ALLEGRO-2982 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
logo
Adafruit Industries
2982 ADAFRUIT-2982 Datasheet
85Kb / 1P
Solid-Core Wire Spool - 25ft - 22AWG - Brown
logo
Keystone Electronics Co...
2982 KEYSTONE-2982 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Littelfuse
298200 LITTELFUSE-298200 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
PHOENIX CONTACT
2982090 PHOENIX-2982090 Datasheet
105Kb / 6P
Reversing load relay - ELR W1/ 6-24DC
09/12/2020
More results

Similar Description - 2982

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2985 ALLEGRO-2985 Datasheet
145Kb / 4P
8-CHANNEL SOURCE DRIVER
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
logo
Analog Intergrations Co...
AIC2803 AIC-AIC2803 Datasheet
52Kb / 5P
8-CHANNEL DARLINGTON DRIVERS
logo
Allegro MicroSystems
A2981 ALLEGRO-A2981 Datasheet
277Kb / 10P
8-CHANNEL SOURCE DRIVERS
logo
List of Unclassifed Man...
UDN-6510A ETC1-UDN-6510A Datasheet
162Kb / 3P
HIGH-VOLTAGE SOURCE DRIVERS
logo
Allegro MicroSystems
2981 ALLEGRO-2981_07 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
A2982 ALLEGRO-A2982 Datasheet
313Kb / 8P
8-Channel Source Driver
UDN2982 ALLEGRO-UDN2982 Datasheet
351Kb / 8P
8-Channel Source Drivers
UDN2580A ALLEGRO-UDN2580A Datasheet
175Kb / 12P
8-CHANNEL SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com