Electronic Components Datasheet Search
  English  ▼

X  

2982 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # 2982
Description  (UDN2981 - UDN2984) 8-CHANNEL SOURCE DRIVERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

2982 Datasheet(HTML) 2 Page - Allegro MicroSystems

  2982 Datasheet HTML 1Page - Allegro MicroSystems 2982 Datasheet HTML 2Page - Allegro MicroSystems 2982 Datasheet HTML 3Page - Allegro MicroSystems 2982 Datasheet HTML 4Page - Allegro MicroSystems 2982 Datasheet HTML 5Page - Allegro MicroSystems 2982 Datasheet HTML 6Page - Allegro MicroSystems 2982 Datasheet HTML 7Page - Allegro MicroSystems 2982 Datasheet HTML 8Page - Allegro MicroSystems 2982 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2981 THRU 2984
8-CHANNEL
SOURCE DRIVERS
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
2
A2982SLW and A2984SLW
13
14
15
16
17
19
12
18
20
11
NO
CONNECTION
1
2
3
8
9
4
5
6
7
10
NO
CONNECTION
NC
NC
Dwg. PP-064-2
GROUND
+V
S
50
75
100
125
150
2.5
0.5
0
AMBIENT TEMPERATURE IN
°C
2.0
1.5
1.0
25
Dwg. GP-022-4
18-LEAD SOIC, RθJA = 80
°C/W
20-LEAD SOIC, RθJA = 70
°C/W
18-PIN DIP, RθJA = 60
°C/W
One of Eight Drivers
OUTPUT
7.2 K
3 K
20 K
V
5
1.5 K
2983/84 ONLY
INPUT
GROUND
9
Dwg. No. A-10,242B
W
Copyright © 1977, 2000 Allegro MicroSystems, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com