Electronic Components Datasheet Search
  English  ▼

X  

FBL2041 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # FBL2041
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2041 Datasheet(HTML) 2 Page - NXP Semiconductors

  FBL2041 Datasheet HTML 1Page - NXP Semiconductors FBL2041 Datasheet HTML 2Page - NXP Semiconductors FBL2041 Datasheet HTML 3Page - NXP Semiconductors FBL2041 Datasheet HTML 4Page - NXP Semiconductors FBL2041 Datasheet HTML 5Page - NXP Semiconductors FBL2041 Datasheet HTML 6Page - NXP Semiconductors FBL2041 Datasheet HTML 7Page - NXP Semiconductors FBL2041 Datasheet HTML 8Page - NXP Semiconductors FBL2041 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
FBL2041
FBL2041I
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
2
1999 Apr 27
853-2040 21374
FEATURES
• 7-bit BTL transceiver
• Separate I/O on TTL A-port
• Inverting
• Three separate pairs of driver enables in a 1 bit, 3 bit, 3 bit
arrangement
• Drives heavily loaded backplanes with equivalent load
impedances down to 10
Ω.
• High drive 100mA BTL open collector drivers on B-port
• Allows incident wave switching in heavily loaded backplane buses
• Reduced BTL voltage swing produces less noise and reduces
power consumption
• Built-in precision band-gap reference provides accurate receiver
thresholds and improved noise immunity
• Compatible with IEEE Futurebus+ or proprietary BTL backplanes
• Controlled output ramp and multiple GND pins minimize ground
bounce
• Each BTL driver has a dedicated Bus GND for a signal return
• Glitch-free power up/power down operation
• Low I
CC current
• Tight output skew
• Supports live insertion
• Pins for the optional JTAG boundary scan function are provided
• High density packaging in plastic Quad Flatpack
• 5V compatible I/O on A-port
• Industrial temperature range option available as FBL2041I
DESCRIPTION
The FBL2041/FBL2041I is a 7-bit bidirectional BTL transceiver and
is intended to provide the electrical interface to a high performance
wired-OR bus. The FBL2041 is an inverting transceiver.
The B-port drivers are Low-capacitance open collectors with
controlled ramp and are designed to sink 100mA. Precision band
gap references on the B-port insure very good noise margins by
limiting the switching threshold to a narrow region centered at 1.55V.
The FBL2041/FBL2041I is pin and function compatible with FB2041
but operates at a 3.3V supply voltage, greatly reducing power
consumption.
The B-port interfaces to “Backplane Transceiver Logic” (See the
IEEE 1194.1 BTL standard). BTL features low power consumption
by reducing voltage swing (1Vp-p, between 1V and 2V) and reduced
capacitive loading by placing an internal series diode on the drivers.
BTL also provides incident wave switching, a necessity for high
performance backplanes.
There are three separate pairs of driver enables in a 1 bit, 3 bit, 3 bit
arrangement. The TTL/BTL output drivers for bit 0 are enabled with
OEA1/OEB1, output drivers for bits 1–2–3 are enabled with
OEA2/OEB2 and output drivers for bits 4–5–6 are enabled with
OEA3/OEB3.
The A-port operates at TTL levels with separate I/O. The 3-state
A-port drivers are enabled when OEAn goes High after an extra 6ns
delay which is built in to provide a break-before-make function.
When OEAn goes Low, A-port drivers become High impedance
without any extra delay. During power on/off cycles, the A-port
drivers are held in a High impedance state when VCC is below 1.3V.
The B-port has an output enable, OEB0, which affects all seven
drivers. When OEB0 is High and OEBn is Low the output driver will
be enabled. When OEB0 is Low or if OEBn is High, the B-port
drivers will be inactive and at the level of the backplane signal.
To support live insertion, OEB0 is held Low during power on/off
cycles to insure glitch free B port drivers. Proper bias for B port
drivers during live insertion is provided by the BIAS V pin when at a
3.3V level while VCC is Low. If live insertion is not a requirement, the
BIAS V pin should be tied to a VCC pin.
The LOGIC GND and BUS GND pins are isolated in the package to
minimize noise coupling between the BTL and TTL sides. These
pins should be tied to a common ground external to the package.
Each BTL driver has an associated BUS GND pin that acts as a
signal return path and these BUS GND pins are internally isolated
from each other. In the event of a ground return fault, a “hard” signal
failure occurs instead of a pattern dependent error that may be very
infrequent and impossible to trouble-shoot.
JTAG boundary scan functionality is provided as an option with
signals TMS, TCK, TDI and TDO. When this option is not present,
TMS and TCK are no-connects (no bond wires) and TDI and TDO
are shorted together internally.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
TYPICAL
UNIT
tPLH
Propagation delay
4.2
ns
tPHL
AIn to Bn
3.5
ns
tPLH
Propagation delay
4.8
ns
tPHL
Bn to AOn
4.9
ns
COB
Output capacitance (B0 - B6 only)
6
pF
IOL
Output current (B0 - B6 only)
100
mA
Standby
5.2
ICC
Supply Current
AIn to Bn (outputs Low or High)
3.2
mA
ICC
Su
ly Current
Bn to AOn (outputs Low)
13.5
mA
Bn to AOn (outputs High)
10.7
ORDERING INFORMATION
PACKAGE
COMMERCIAL RANGE
VCC = 3.3V±10%; Tamb = 0 to +70°C
INDUSTRIAL RANGE
VCC = 3.3V±10%; Tamb = –40 to +85°C
DWG
No.
52-pin Plastic Quad Flatpack
FBL2041 BB
FBL2041I BB
SOT379-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com