Electronic Components Datasheet Search
  English  ▼

X  

FBL2041 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FBL2041
Description  3.3V BTL 7-bit Futurebus transceiver standard A-port
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL2041 Datasheet(HTML) 3 Page - NXP Semiconductors

  FBL2041 Datasheet HTML 1Page - NXP Semiconductors FBL2041 Datasheet HTML 2Page - NXP Semiconductors FBL2041 Datasheet HTML 3Page - NXP Semiconductors FBL2041 Datasheet HTML 4Page - NXP Semiconductors FBL2041 Datasheet HTML 5Page - NXP Semiconductors FBL2041 Datasheet HTML 6Page - NXP Semiconductors FBL2041 Datasheet HTML 7Page - NXP Semiconductors FBL2041 Datasheet HTML 8Page - NXP Semiconductors FBL2041 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
FBL2041
FBL2041I
3.3V BTL 7-bit Futurebus+ transceiver (standard A-port)
1999 Apr 27
3
PIN CONFIGURATION
52 51 50 49 48 47 46
45 44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19
20
21 22 23 24 25 26
BUS GND
B1
BUS GND
B2
BUS GND
B3
BUS GND
B4
BUS GND
B5
BUS GND
B6
N/C
LOGIC GND
AI1
AI2
AO2
LOGIC GND
AO3
LOGIC GND
AI3
AI4
AO4
LOGIC GND
AO5
LOGIC GND
7-Bit Transceiver
52-lead PQFP
SG00115
PIN DESCRIPTION
SYMBOL
PIN NUMBER
TYPE
NAME AND FUNCTION
AI0 – AI6
51, 2, 3, 8, 9, 14, 18
Input
Data inputs (TTL)
AO0 – AO6
50, 52, 4, 6, 10, 12, 16
Output
3-State outputs (TTL)
B0 – B6
40, 38, 36, 34, 32, 30, 28
I/O
Data inputs/Open Collector outputs, High current drive (BTL)
OEB0
46
Input
Enables the Bn outputs when High
OEB1
45
Input
Enables the B0 output when Low
OEB2
25
Input
Enables the B1 – B3 outputs when Low
OEB3
26
Input
Enables the B4 – B6 outputs when Low
OEA1
47
Input
Enables the A0 outputs when High
OEA2
20
Input
Enables the A1 – A3 outputs when High
OEA3
24
Input
Enables the A4 – A6 outputs when High
BUS GND
41, 39, 37, 35, 33, 31, 29
GND
Bus ground (0V)
LOGIC GND
1, 5, 7, 11, 13, 15, 19
GND
Logic ground (0V)
BUS VCC
23, 43
Power
Positive supply voltage
LOGIC VCC
17, 49
Power
Positive supply voltage BAND GAP
BIAS V
48
Power
Positive supply voltage
TMS
42
Input
Test Mode Select (no-connect)
TCK
44
Input
Test Clock (no-connect)
TDI
22
Input
Test Data In (shorted to TDO)
TDO
21
Output
Test Data Out (TDI)
N/C
27
—
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com