Electronic Components Datasheet Search
  English  ▼

X  

FBL22033 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FBL22033
Description  3.3V BTL 8-bit latched/registered/pass-thru Futurebus universal interface transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22033 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FBL22033 Datasheet HTML 4Page - NXP Semiconductors FBL22033 Datasheet HTML 5Page - NXP Semiconductors FBL22033 Datasheet HTML 6Page - NXP Semiconductors FBL22033 Datasheet HTML 7Page - NXP Semiconductors FBL22033 Datasheet HTML 8Page - NXP Semiconductors FBL22033 Datasheet HTML 9Page - NXP Semiconductors FBL22033 Datasheet HTML 10Page - NXP Semiconductors FBL22033 Datasheet HTML 11Page - NXP Semiconductors FBL22033 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
FBL22033
3.3V BTL 8-bit latched/registered/pass-thru
universal transceiver with 30
Ω termination
1999 Apr 15
8
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (A TO B)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V,
RL = 9Ω
Tamb = –40 to +85°C,
VCC = 3.3V±10%,
RL = 9Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
An to Bn through latch
1.2
1.2
2.7
2.6
4.8
4.3
1.0
1.0
5.3
4.9
ns
tPLH
tPHL
Propagation delay,
An to Bn transparent latch
1.3
1.8
3.2
3.7
5.2
5.6
1.0
1.6
6.1
6.3
ns
tPLH
tPHL
Propagation delay,
LCAB to Bn latch
2.0
2.3
3.8
4.3
5.8
6.3
1.2
1.8
7.0
7.3
ns
tPLH
tPHL
Propagation delay,
LCAB to Bn register
2.1
2.0
3.8
4.3
5.7
6.5
1.4
1.8
6.9
7.3
ns
tPLH
tPHL
Propagation delay,
SABX to Bn inverting
1.2
2.3
4.3
5.1
7.6
8.0
1.0
2.0
9.2
8.7
ns
tPLH
tPHL
Propagation delay,
SABX to Bn non-inverting
1.8
1.8
4.0
5.0
6.4
8.5
1.1
1.6
8.0
9.8
ns
tPLH
tPHL
OEBn to Bn
1.6
1.6
3.4
3.4
5.4
5.3
1.0
1.0
6.0
7.2
ns
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (A TO B)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V,
RL = 16.5Ω
Tamb = –40 to +85°C,
VCC = 3.3V±10%,
RL = 16.5Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
An to Bn through latch
1.2
1.2
2.8
2.4
4.5
4.0
1.0
1.0
5.7
4.6
ns
tPLH
tPHL
Propagation delay,
An to Bn transparent latch
1.4
1.7
3.2
3.5
5.1
5.4
1.0
1.3
6.1
5.9
ns
tPLH
tPHL
Propagation delay,
LCAB to Bn latch
2.0
2.2
3.8
4.1
5.6
6.1
1.3
1.6
6.9
7.0
ns
tPLH
tPHL
Propagation delay,
LCAB to Bn register
2.0
2.2
3.9
4.1
5.9
6.1
1.2
1.6
7.7
7.0
ns
tPLH
tPHL
Propagation delay,
SABX to Bn inverting
1.2
1.8
4.6
4.7
8.6
7.9
1.0
1.6
10.4
8.7
ns
tPLH
tPHL
Propagation delay,
SABX to Bn non-inverting
1.3
1.5
4.5
4.6
8.2
8.2
1.0
1.2
10.0
9.1
ns
tPLH
tPHL
OEBn to Bn
1.5
1.5
3.4
3.2
5.2
5.0
1.0
1.0
6.3
7.0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com