Electronic Components Datasheet Search
  English  ▼

X  

FBL22040 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FBL22040
Description  3.3V BTL8-bit TTL to BTL transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22040 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FBL22040 Datasheet HTML 4Page - NXP Semiconductors FBL22040 Datasheet HTML 5Page - NXP Semiconductors FBL22040 Datasheet HTML 6Page - NXP Semiconductors FBL22040 Datasheet HTML 7Page - NXP Semiconductors FBL22040 Datasheet HTML 8Page - NXP Semiconductors FBL22040 Datasheet HTML 9Page - NXP Semiconductors FBL22040 Datasheet HTML 10Page - NXP Semiconductors FBL22040 Datasheet HTML 11Page - NXP Semiconductors FBL22040 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
FBL22040
3.3V BTL 8-bit TTL to BTL transceiver
1998 Dec 07
8
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (A TO B)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V,
RL = 9Ω
Tamb = –40 to +85°C,
VCC = 3.3V±10%,
RL = 9Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
AIn to Bn
1.0
1.2
2.7
3.0
5.7
5.1
1.0
1.0
6.3
5.6
ns
tPLH
tPHL
OEB0 to Bn
1.4
2.0
3.1
4.1
5.0
6.4
1.0
1.9
6.1
6.9
ns
tPLH
tPHL
OEB1 to Bn
1.5
1.4
3.3
3.2
5.3
5.0
1.0
1.1
6.0
5.8
ns
tTLH
tTHL
Transition time, Bn Port
(1.3V to 1.8V)
1.0
1.2
1.7
1.9
2.5
2.5
3.5
3.5
0.5
0.5
ns
tSK(O)
Output skew between receivers
in same package
0.5
1.0
1.5
ns
tSK(P)
Pulse skew
|tPHL – tPLH| MAX
0.3
1.0
1.5
ns
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (A TO B)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V,
RL = 16.5Ω
Tamb = –40 to +85°C,
VCC = 3.3V±10%,
RL = 16.5Ω
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
AIn to Bn
1.2
1.2
2.8
2.8
4.4
4.6
1.0
1.1
5.2
5.1
ns
tPLH
tPHL
OEB0 to Bn
1.8
1.8
3.6
3.8
5.6
5.9
1.2
1.7
6.5
6.2
ns
tPLH
tPHL
OEB1 to Bn
1.6
1.3
3.4
3.0
6.2
4.8
1.0
1.0
6.0
5.6
ns
tTLH
tTHL
Transition time, Bn Port
(1.3V to 1.8V)
1.0
1.2
1.7
1.9
2.5
2.5
0.5
0.5
3.0
3.0
ns
tSK(O)
Output skew between receivers
in same package
0.5
1.0
1.5
ns
tSK(P)
Pulse skew
|tPHL – tPLH| MAX
0.3
1.0
1.5
ns
AC ELECTRICAL CHARACTERISTICS INDUSTRIAL AND COMMERCIAL (B TO A)
SYMBOL
PARAMETER
TEST CONDITION
Tamb = +25°C, VCC = 3.3V
Tamb = –40 to +85°C,
VCC = 3.3V±10%
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay,
Bn to AOn
2.4
2.3
4.4
4.2
6.6
6.3
2.1
2.1
7.4
7.3
ns
tPLH
tPHL
OEA to AOn
2.9
2.2
4.9
4.1
7.0
6.1
2.5
1.4
7.9
6.7
ns
tPLH
tPHL
OEA to AOn
2.8
1.2
4.7
2.9
6.7
4.6
2.5
1.0
7.3
5.3
ns
tTLH
tTHL
Transition time, AOn Port
(10% to 90% or 90% to 10%)
1.3
1.7
2.2
2.6
2.5
2.5
0.9
0.8
3.0
3.0
ns
tSK(O)
Output skew between receivers
in same package
0.5
1.0
1.5
ns
tSK(P)
Pulse skew
|tPHL – tPLH| MAX
0.3
1.0
1.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com