Electronic Components Datasheet Search
  English  ▼

X  

FBL22040 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FBL22040
Description  3.3V BTL8-bit TTL to BTL transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FBL22040 Datasheet(HTML) 3 Page - NXP Semiconductors

  FBL22040 Datasheet HTML 1Page - NXP Semiconductors FBL22040 Datasheet HTML 2Page - NXP Semiconductors FBL22040 Datasheet HTML 3Page - NXP Semiconductors FBL22040 Datasheet HTML 4Page - NXP Semiconductors FBL22040 Datasheet HTML 5Page - NXP Semiconductors FBL22040 Datasheet HTML 6Page - NXP Semiconductors FBL22040 Datasheet HTML 7Page - NXP Semiconductors FBL22040 Datasheet HTML 8Page - NXP Semiconductors FBL22040 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Philips Semiconductors
Product specification
FBL22040
3.3V BTL 8-bit TTL to BTL transceiver
1998 Dec 07
3
PIN CONFIGURATION
52 51 50 49 48 47 46
45 44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15 16 17 18 19
20
21 22 23 24 25 26
BUS GND
B1
BUS GND
B2
BUS GND
B3
BUS GND
B4
BUS GND
B5
BUS GND
B6
BUS GND
LOGIC GND
AI1
AI2
AO2
LOGIC GND
AO3
LOGIC GND
AI3
AI4
AO4
LOGIC GND
AO5
LOGIC GND
8-Bit Transceiver
52-lead PQFP
FBL22040
SG00114
DESCRIPTION
The FBL22040 is an 8-bit bidirectional BTL transceiver and is
intended to provide the electrical interface to a high performance
wired-OR bus. The FBL22040 is an inverting transceiver.
The B-port drivers are Low-capacitance open collectors with
controlled ramp and are designed to sink 100mA. Precision band
gap references on the B-port insure very good noise margins by
limiting the switching threshold to a narrow region centered at 1.55V.
The B-port interfaces to “Backplane Transceiver Logic” (See the
IEEE 1194.1 BTL standard). BTL features low power consumption
by reducing voltage swing (1Vp-p, between 1V and 2V) and reduced
capacitive loading by placing an internal series diode on the drivers.
BTL also provides incident wave switching, a necessity for high
performance backplanes.
The A-port operates at TTL levels with separate I/O. The 3-state
A-port drivers are enabled when OEA goes High after an extra 6ns
delay which is built in to provide a break-before-make function.
When OEA goes Low, A-port drivers become High impedance
without any extra delay. During power on/off cycles, the A-port
drivers are held in a High impedance state when VCC is below 1.3V.
The B-port has two output enables, OEB0 and OEB1. When OEB0
is High and OEB1 is Low the output is enabled. When OEB0 is Low
or if OEB1 is High, the B-port is inactive and is at the level of the
backplane signal.
To support live insertion, OEB0 is held Low during power on/off
cycles to insure glitch free B port drivers. Proper bias for B port
drivers during live insertion is provided by the BIAS V pin when at a
3.3V level while VCC is Low. If live insertion is not a requirement, the
BIAS V pin should be tied to a VCC pin.
The LOGIC GND and BUS GND pins are isolated in the package to
minimize noise coupling between the BTL and TTL sides. These
pins should be tied to a common ground external to the package.
Each BTL driver has an associated BUS GND pin that acts as a
signal return path and these BUS GND pins are internally isolated
from each other. In the event of a ground return fault, a “hard” signal
failure occurs instead of a pattern dependent error that may be very
infrequent and impossible to trouble-shoot.
The LOGIC VCC and BUS VCC pins are also isolated internally to
minimize noise and may be externally decoupled separately or
simply tied together.
JTAG boundary scan pins are provided with signals TMS, TCK, TDI
and TDO. TMS and TCK are no-connects (no bond wires) and TDI
and TDO are shorted together internally. Boundary scan
functionality is not implemented at this time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com