Electronic Components Datasheet Search
  English  ▼

X  

BYM600A170DN2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BYM600A170DN2
Description  Diode Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYM600A170DN2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BYM600A170DN2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYM600A170DN2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BYM600A170DN2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6009
eq BYM600A170DN2
Diode Power Module
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF=300A; TC=25℃
--
2.0
2.5
V
IF=300A; TC=125℃
--
1.8
--
IR
Reverse current
VR=1700V;TJ=25℃
--
1.1
1.6
mA
VR=1700V;TJ=25℃
--
4.4
--
trr
Reverse Recovery Time
IF =300 A;VR = -1200 V,
VGE =0V;diF/dt = -1500A/us
TJ= 125℃
--
1
--
us
Qrr
Reverse Recovery Charge
IF =300 A;VR = -1200 V,
VGE =0V;diF/dt = -1500A/us
TJ= 25℃
--
33
--
uC
IF =300 A;VR = -1200 V,
VGE =0V;diF/dt = -1500A/us
TJ= 125℃
--
100
--
INTERNAL CIRCUIT:
PACKAGE OUTLINE (UNIT: MM):
2
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com