Electronic Components Datasheet Search
  English  ▼

X  

BYM600A170DN2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BYM600A170DN2
Description  Diode Power Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BYM600A170DN2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BYM600A170DN2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BYM600A170DN2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited BYM600A170DN2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISUM6009
eq BYM600A170DN2
Diode Power Module
www.iscsemi.com
1
DESCRIPTION
·
Inside fast free-wheeling diode
·
Diode especially for brake choppers
·
Package with insulated metal base plate
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VR
Diode reverse voltage,TJ=25℃
300
V
IF
DC current,TC=25℃
600
A
DC current,TC=80℃
400
IFpuls
Pulsed diode current, tp = 1 ms
TC=25℃
1200
A
TC=80℃
800
I2t
I2t for fusing, tp = 1 ms ,TJ=0℃
96.8
A2S*103
PD
Power dissipation per diode,TC=25℃
1400
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-55~175
℃
Visol
Insulation test voltage, t = 1min
4000
V
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.09
℃
/W


Similar Part No. - BYM600A170DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BYM600A170DN2 EUPEC-BYM600A170DN2 Datasheet
212Kb / 5P
Diode Power Module
More results

Similar Description - BYM600A170DN2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
POWER DIODE MODULE
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
POWER DIODE MODULE
logo
Fuji Electric
6RI100G FUJI-6RI100G Datasheet
120Kb / 2P
POWER DIODE MODULE
2RI60E FUJI-2RI60E Datasheet
132Kb / 2P
POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
Diode Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com