Electronic Components Datasheet Search
  English  ▼

X  

FM1246/HM/PH Datasheet(PDF) 15 Page - NXP Semiconductors

Part # FM1246/HM/PH
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/PH Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button FM1246/HM/PH Datasheet HTML 11Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 12Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 13Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 16Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 17Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 18Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
1997 May 14
15
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
TELEGRAM EXAMPLES (WRITE MODE)
Start - Adb - Ack - Db1 - Ack - Db2 - Ack - Cb - Ack - Pb - Ack - Stop.
Start - Adb - Ack - Cb - Ack - Pb - Ack - Db1 - Ack - Db2 - Ack - Stop.
Start - Adb - Ack - Db1 - Ack - Db2 - Ack - Cb - Ack - Stop.
Start - Adb - Ack - Db1 - Ack - Db2 - Ack - Stop.
Where:
Start = start condition
Adb = address byte
Ack = acknowledge
Db1 = divider byte 1
Db2 = divider byte 2
Cb = control byte
Pb = ports byte
Stop = stop condition.
READ mode
The in-lock can be read by setting the R/W bit to 1.
Notes
1. POR = Power On Reset. POR is internally set to 1 in case VS drops below 3 V. The POR bit is reset when an end of
data is detected by the PLL IC.
2. FL = In-lock flag; FL = 1: loop is phase-locked. The loop must be phase-locked during at least 8 periods of the internal
reference frequency (either 7.8125 kHz, 3.90625 kHz or 6.25 kHz) before the FL flag is internally set to 1.
3. I2, I1 and I0 = digital information for I/O ports P2, P1 and P0 respectively.
4. A2, A1 and A0 = built-in 5-level A/D converter on the internal I/O port P6 (see Table “Digital AFC status”).
5. A = Acknowledge.
TELEGRAM EXAMPLES (READ MODE)
Start - Adb - Ack - STB - Ack - STB - - Stop (no Ack from processor = End-of-data).
Start - Adb - Ack - STB - - Stop (no Ack from processor = End-of-data).
Where:
STB = Status byte.
BYTE
BITS
7
MSB
654321
0
LSB
A(5)
Address byte
1
1
0
0
0
MA1
MA0
1
A
Status byte
POR(1)
FL(2)
I2(3)
I1(3)
I0(3)
A2(4)
A1(4)
A0(4)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com