Electronic Components Datasheet Search
  English  ▼

X  

FM1246/HM/PH Datasheet(PDF) 18 Page - NXP Semiconductors

Part # FM1246/HM/PH
Description  Desktop video & FM radio module system CCIR I
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1246/HM/PH Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button FM1246/HM/PH Datasheet HTML 14Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 15Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 16Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 17Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 18Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 19Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 20Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 21Page - NXP Semiconductors FM1246/HM/PH Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
1997 May 14
18
Philips Components
Preliminary specification
Desktop video & FM radio module
system CCIR I
FM1246
Aerial connections
Standard-phono socket female 75
Ω or IEC (female for TV,
male for FM radio).
Solderability
The solderability of pins and mounting tags when tested
initially and after 16 hours steam ageing in accordance
with
‘‘IEC 68-2-20’’, test Ta, method 1 (solder bath
235
±5 °C for 2 ±5 s), results in a wetted area of 95%.
No de-wetting will occur when soldered at
260
±5 ° C for 5 ±0.5 s.
Resistance to soldering heat
The product will not be damaged when tested in
accordance with
‘‘IEC 68-2-20’’, test Tb, method 1A
(solder bath 260
±5 °C for 5 ±1 s).
Mass
Approximately 50 g.
Robustness of pins
The pins will not be damaged when tested in accordance
with
‘‘IEC 68-2-21’’ :
• Test Ua1, tensile of 20 N in axial direction
• Test Ua2, thrust of 4 N in axial direction
• Test Ua2, thrust of 2 N in axial direction.
Punching pattern of chassis PCB
Field rejects are often related to broken tag joints.
Therefore, the following punching pattern is recommended
(see Fig.6).
Fig.6 Punching pattern seen from solder side.
Dimensions in mm.
handbook, full pagewidth
59.2
14.7
4.445
∅ 2.1
∅ 1.1
34.7
3.5
4.6
2
78.4
0.9 +
0.1
0
unit
contour
CCA509
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com