Electronic Components Datasheet Search
  English  ▼

X  

FM1236/HMF Datasheet(PDF) 11 Page - NXP Semiconductors

Part # FM1236/HMF
Description  Desktop video & FM radio module system M, N
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236/HMF Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button FM1236/HMF Datasheet HTML 7Page - NXP Semiconductors FM1236/HMF Datasheet HTML 8Page - NXP Semiconductors FM1236/HMF Datasheet HTML 9Page - NXP Semiconductors FM1236/HMF Datasheet HTML 10Page - NXP Semiconductors FM1236/HMF Datasheet HTML 11Page - NXP Semiconductors FM1236/HMF Datasheet HTML 12Page - NXP Semiconductors FM1236/HMF Datasheet HTML 13Page - NXP Semiconductors FM1236/HMF Datasheet HTML 14Page - NXP Semiconductors FM1236/HMF Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1997 Feb 03
11
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
Note
1. All the pins of the desktop video tuner are protected against electrostatic discharge (ESD) up to 2 kV. The product is
classified in category B
(‘‘MIL-STD-883C”).
FM radio characteristics
α26
limiting sensitivity for (S+N)/N
test signal C1
−
530
dB
µV
α50
test signal C3
−
30
40
dB
µV
S/N ratio:
test signal C1
mono at f = 22.5 kHz
55
58
−
dB
mono at f = 75 kHz
65
68
−
dB
stereo
test signal C3
55
63
−
dB
αi(FM)
FM image rejection
test signal C1
53
60
−
dB
effective selectivity S300
test signal C1 + C2
50
−−
dB
frequency response:
test signal C3;
−3 dB points
lower
−3 dB point
−
20
40
Hz
upper
−3 dB point
14
18
−
kHz
AM suppression
test signal C1
38
−−
dB
FM AF output level at
terminal 20/21 (RMS value):
mono
test signal C1
40
57
74
mV
stereo
test signal C3
120
175
230
mV
stereo separation
test signal C3; 1 kHz
28
35
−
dB
total harmonic distortion:
test signal C3
stereo at 1 kHz
−
0.8
1.5
%
during overmodulation at
f=
±100 kHz
−
1.5
3
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com