Electronic Components Datasheet Search
  English  ▼

X  

FM1236/HMF Datasheet(PDF) 3 Page - NXP Semiconductors

Part # FM1236/HMF
Description  Desktop video & FM radio module system M, N
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FM1236/HMF Datasheet(HTML) 3 Page - NXP Semiconductors

  FM1236/HMF Datasheet HTML 1Page - NXP Semiconductors FM1236/HMF Datasheet HTML 2Page - NXP Semiconductors FM1236/HMF Datasheet HTML 3Page - NXP Semiconductors FM1236/HMF Datasheet HTML 4Page - NXP Semiconductors FM1236/HMF Datasheet HTML 5Page - NXP Semiconductors FM1236/HMF Datasheet HTML 6Page - NXP Semiconductors FM1236/HMF Datasheet HTML 7Page - NXP Semiconductors FM1236/HMF Datasheet HTML 8Page - NXP Semiconductors FM1236/HMF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1997 Feb 03
3
Philips Components
Preliminary specification
Desktop video & FM radio module
system M, N
FM1236
INTERMEDIATE FREQUENCIES
CHANNEL COVERAGE
PINNING
SYSTEM
FREQUENCY
(MHz)
Picture carrier
45.75
Colour
42.17
Sound
41.25
FM
10.70
BAND
OFF-AIR CHANNELS
CABLE CHANNELS
CHANNEL
FREQUENCY
(MHz)
CHANNEL
FREQUENCY
(MHz)
FM band
−
76.00 to 108.00
−−
Low band
2 to 6
55.25 to 83.25
A-2 to G
109.25 to 157.25
Mid band
7 to 13
175.25 to 211.25
H to I
163.25 to 169.25
J to ZZ
217.25 to 451.25
High band
14 to 69
471.25 to 801.25
AAA to BBB (+6 MHz)
457.25 to 469.26
SYMBOL
PIN
DESCRIPTION
VT
11
tuning voltage (monitor)
VS(tuner)
12
supply voltage tuner section +5 V
SCL
13
I2C-bus serial clock
SDA
14
I2C-bus serial data
AS
15
I2C-bus address select
AF O/P right
20
FM right channel
AF O/P left
21
FM left channel
2nd IF O/P
22
second IF sound output
CVBS
23
Composite Video Baseband Signal (CVBS) output
VS(IF)
24
supply voltage IF section +5 V
AF O/P
25
AF sound output
−
TH1, TH2,
TH3 and
TH4
mounting tags (ground)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com