Electronic Components Datasheet Search
  English  ▼

X  

FXA1012WC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # FXA1012WC
Description  Frame Transfer CCD Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FXA1012WC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button FXA1012WC Datasheet HTML 2Page - NXP Semiconductors FXA1012WC Datasheet HTML 3Page - NXP Semiconductors FXA1012WC Datasheet HTML 4Page - NXP Semiconductors FXA1012WC Datasheet HTML 5Page - NXP Semiconductors FXA1012WC Datasheet HTML 6Page - NXP Semiconductors FXA1012WC Datasheet HTML 7Page - NXP Semiconductors FXA1012WC Datasheet HTML 8Page - NXP Semiconductors FXA1012WC Datasheet HTML 9Page - NXP Semiconductors FXA1012WC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
2000 January
6
Philips Semiconductors
Objective specification
Frame Transfer CCD Image Sensor
FXA 1012
Timing diagrams (for default operation)
1 Typical value for monitor mode.
2 Duty cycle = 50%
3 Tp is pulse period of C clocks
Figure 3 - Timing diagram for horizontal pulses
G
G
8 dummy pixels
6ns
B
R
G
R
G
B
G
B
20ns
SENSOR SIGNAL
..
C4
C4
RG
70 black pixels
C1
C1
G
C-clock pulses
2
..
R
.
...
GR
G
8 overscan pixels
RG
black
1600 active pixels within aspect ratio
BG
BG
G
GB
.
RG
B
R
C3
COMPLETE LINE READOUT CYCLE
BG
B
GR
G
.
.
FREQUENCY = 25 MHz
8 overscan pixels
C2
RG
R
..
SSC
C2
40ns
R
G
RG
G
1616 active pixels
C3
B
B
RG
G
RG
R
B
G
GB
GB
G
G
6.7ns
.
blue (even) lines
red (odd) lines
25MHz HORIZONTAL TRANSPORT PULSES
pixels
AC Characteristics
Min.
Typical
Max.
Unit
Horizontal frequency
Vertical frequency
Charge Reset (CR) time
Rise and fall times:
image clocks (A)
register clocks (C)
2
reset gate (RG)
10
10
3
3
1.56
1
12
20
5
5
25
14
Tp/8
3
Tp/8
MHz
MHz
µs
ns
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com