Electronic Components Datasheet Search
  English  ▼

X  

FXA1012WC Datasheet(PDF) 10 Page - NXP Semiconductors

Part # FXA1012WC
Description  Frame Transfer CCD Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

FXA1012WC Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button FXA1012WC Datasheet HTML 6Page - NXP Semiconductors FXA1012WC Datasheet HTML 7Page - NXP Semiconductors FXA1012WC Datasheet HTML 8Page - NXP Semiconductors FXA1012WC Datasheet HTML 9Page - NXP Semiconductors FXA1012WC Datasheet HTML 10Page - NXP Semiconductors FXA1012WC Datasheet HTML 11Page - NXP Semiconductors FXA1012WC Datasheet HTML 12Page - NXP Semiconductors FXA1012WC Datasheet HTML 13Page - NXP Semiconductors FXA1012WC Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2000 January
10
Philips Semiconductors
Objective specification
Frame Transfer CCD Image Sensor
FXA 1012
Performance
The test conditions for the performance characteristics in the still
mode of operation are as follows:
• All values are measured using typical operating conditions.
• Integration time = 1/30 sec (unless specified otherwise).
• Test temperature = 60°C (333K).
1 Charge Transfer Efficiency values are expressed as the value per gate transfer.
2 The sensitivity when a light source directly illuminates the CCD.
3 Shading is defined as the one-
σ value of the pixel output distribution expressed as a percentage of the mean value output (low-pass image).
4 Difference in shading between the four colour planes, with standard imaging condition, still mode.
5 Difference in average green signal between ‘green in red line’ and ‘green in blue line’, with standard imaging condition, still mode
6 Q
max is determined from the lowpass filtered image.
7 Overexposure over entire area while maintaining good Vertical Anti-Blooming (VAB). It is tested by measuring the dark line.
• The light source is a 3200K lamp with a 1.7mm thick BG40 infrared
cut-off filter; F=16.
• Vertical Anti-Blooming condition
• Horizontal transport frequency = 25MHz.
Performance Characteristics
Min.
Typical
Max.
Unit
Charge Transfer Efficiency
1 vertical
Charge Transfer Efficiency
1 horizontal
Image lag
Sensitivity, green S
G
2
Sensitivity, red S
R
2
Sensitivity, blue S
B
2
Sensitivity Ratio S
G / SR
Sensitivity Ratio S
G / SB
Sensitivity Ratio S
R / SB
Shading per colour plane
3
Differential colour shading
4
PRNU per colour plane
Green–green difference
5
Power consumption (Still mode)
Power consumption (Monitoring mode)
Full-well capacity saturation level (Q
max)
6
Saturation signal
Dynamic range at 20°C : 20log(Q
max /noise electrons)
Overexposure
7
handling
40
35
720
0.999997
0.999997
295
240
175
1.25
1.7
1.4
2
0.8
50
45
1000
72
100
0
2.5
5
60
55
1500
%
mV/lux.s
mV/lux.s
mV/lux.s
%
%
%
%
mW
mW
x 10
3
mV
dB
x Q
max level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com