Electronic Components Datasheet Search
  English  ▼

X  

GTL2005 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2005
Description  Quad GTL/GTL to LVTTL/TTL bidirectional non-latched translator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2005 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2005 Datasheet HTML 1Page - NXP Semiconductors GTL2005 Datasheet HTML 2Page - NXP Semiconductors GTL2005 Datasheet HTML 3Page - NXP Semiconductors GTL2005 Datasheet HTML 4Page - NXP Semiconductors GTL2005 Datasheet HTML 5Page - NXP Semiconductors GTL2005 Datasheet HTML 6Page - NXP Semiconductors GTL2005 Datasheet HTML 7Page - NXP Semiconductors GTL2005 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
GTL2005
Quad GTL/GTL+ to LVTTL/TTL
bidirectional non-latched translator
1999 Sep 17
3
ABSOLUTE MAXIMUM RATINGS1
In accordance with the Absolute Maximum System (IEC 134); voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
TEST CONDITIONS
RATING
UNIT
VCC
DC supply voltage
–0.5 to +4.6
V
IIK
DC input diode current
VI < 0
–50
mA
V
DC input voltage3
A port
–0.5 to +7.0
V
VI
DC input voltage3
B port
–0.5 to +4.6
V
IOK
DC output diode current
VO < 0
–50
mA
VO
DC output voltage3
Output in Off or High state; A port
–0.5 to +7.0
V
VO
DC output voltage3
Output in Off or High state; B port
–0.5 to +4.6
V
IO
Current into any output in the LOW state
A port
128
mA
IOL
Current into any output in the LOW state
B port
80
mA
IOH
Current into any output in the HIGH state
A port
–64
mA
Tstg
Storage temperature range
–60 to +150
°C
NOTES:
1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the
device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied. Exposure to
absolute-maximum-rated conditions for extended periods may affect device reliability.
2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction
temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150
°C.
3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
0
3.6
V
V
Termination voltage
GTL
1.14
1.2
1.26
V
VTT
Termination voltage
GTL+
1.35
1.5
1.65
V
V
Supply voltage
GTL
0.74
0.8
0.87
V
VREF
Supply voltage
GTL+
0.87
1.0
1.10
V
V
Input voltage
A port
0
0
VTT
V
VI
Input voltage
Except A port
0
5.5
V
V
HIGH level input voltage
A port
VREF + 50 mV
V
VIH
HIGH-level input voltage
Except A port
2
V
V
LOW level input voltage
A port
VREF – 50 mV
V
VIL
LOW-level input voltage
Except A port
0.8
V
IOH
HIGH-level output current
B port
–12
mA
IO
LOW level output current
A port
40
mA
IOL
LOW-level output current
B port
12
mA
Tamb
Operating free-air temperature range
–40
85
°C
NOTE:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com