Electronic Components Datasheet Search
  English  ▼

X  

CL1503IR Datasheet(PDF) 5 Page - CHIPLINK SEMICONDUCTOR

Part # CL1503IR
Description  Non-isolated step-down LED constant current driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPLINK [CHIPLINK SEMICONDUCTOR]
Direct Link  http://www.chiplink-semi.com
Logo CHIPLINK - CHIPLINK SEMICONDUCTOR

CL1503IR Datasheet(HTML) 5 Page - CHIPLINK SEMICONDUCTOR

  CL1503IR Datasheet HTML 1Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 2Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 3Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 4Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 5Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 6Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 7Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 8Page - CHIPLINK SEMICONDUCTOR CL1503IR Datasheet HTML 9Page - CHIPLINK SEMICONDUCTOR  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.chiplink-tech.com
5
SEMICONDUCTOR
CL1503
CL1503_CN Rev. 1.3
电气特性
(如果没有特殊说明,环境温度= 25℃,VDD=15V)
符号
参数
测试条件
最小值
典型值
.
最大值
单位
VDD电压
VDDCLAMP
VDD钳位电压
IVDD=1.0mA
17
V
VDDUV(OFF)
退出欠压锁定电压
VDD电压上升
14
V
VDDUV(ON)
进入欠压锁定电压
VDD电压下降
9
V
ISTART
启动电流
VDD= VDD_UV(OFF)-1V
110
170
uA
IOP
工作电流
fOP=70kHz
100
150
uA
CS电流采样
VCS_TH
电流检测阈值电压
390
400
410
mV
VCS_SHORT
负载短路时电流检测
阈值电压
200
mV
tLEB
前沿消隐时间
350
ns
tDELAY
关断延时
200
ns
内部时间控制
tOFF_MIN
最小关断时间
4.5
us
tOFF_MAX
最大关断时间
240
us
tON_MAX
最大导通时间
40
us
VROVP
ROVP电位
0.5
V
功率管
RDS_ON
功率管导通阻抗
VGS=15V/IDS=0.5A
5.5
6
Ω
BVDS
功率管击穿电压
VGS=0V/IDS=250uA
500
V
IDS
功率管漏电流
VGS=0V/VDS=500V
1
uA
过温调节
TREG
过温调节温度
150
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com